Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8745H Datasheet(PDF) 22 Page - NXP Semiconductors

Part # TDA8745H
Description  Satellite sound receiver with I2C-bus control
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8745H Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button TDA8745H Datasheet HTML 18Page - NXP Semiconductors TDA8745H Datasheet HTML 19Page - NXP Semiconductors TDA8745H Datasheet HTML 20Page - NXP Semiconductors TDA8745H Datasheet HTML 21Page - NXP Semiconductors TDA8745H Datasheet HTML 22Page - NXP Semiconductors TDA8745H Datasheet HTML 23Page - NXP Semiconductors TDA8745H Datasheet HTML 24Page - NXP Semiconductors TDA8745H Datasheet HTML 25Page - NXP Semiconductors TDA8745H Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
1996 Mar 11
22
Philips Semiconductors
Preliminary specification
Satellite sound receiver with I2C-bus control
TDA8745
PLL FM demodulators
fCCO
free-running frequency
PLL left; BB = 0
−
10.6
−
MHz
PLL right; BB = 0
−
10.6
−
MHz
PLL left; BB = 1
−
6.9
−
MHz
PLL right; BB = 1
−
6.9
−
MHz
∆f
CCO
lock range of PLLs
BB = 0; note 7
10
−
11.5
MHz
BB = 1; note 7
5.50
−
8.50
MHz
VOL; VOR
PLL output voltage (pins 23 and 22)
NR = off; DEEM = flat;
BB = 0
−−5.6
−
dBV
NR = off; DEEM = flat;
BB = 1; note 8
−−7.3
−
dBV
∆VOL; ∆VOR
spread of PLL output voltage over
lock range (pins 23 and 22)
NR = off; DEEM = flat;
BB = 1; note 8
−−±1.5
dB
Noise reduction
low-pass filter 50 kHz response
with respect to 1 kHz
note 9
−21
−16
−11
dB
Vo 23,22
output voltage (pins 23 and 22)
at 0 dB NR input level;
∆fS1 = ∆fS2 = 50 kHz;
DEEM = flat; note 10
−1
+1+3dBV
at
−20 dB NR input level;
∆f
S1 = ∆fS2 = 5 kHz;
DEEM = flat
−29
−26
−23
dBV
15 kHz frequency response
with respect to 1 kHz
at 0 dB NR input level;
∆f
S1 = ∆fS2 = 50 kHz;
DEEM = flat
−2
0
+2
dB
at
−20 dB NR input level;
∆f
S1 = ∆fS2 = 5 kHz;
DEEM = flat
−13
−11.5 −10
dB
Voffset(DC)
DC offset voltage on attack/recovery
capacitors (pins 38 and 26)
∆f = 0 kHz; all PLLs locked 14
−
22
mV
De-emphasis
15 kHz frequency response
with respect to 1 kHz flat
NR = off; DEEM = flat
−0.5
0.0
+0.5
dB
NR = off; DEEM = J17;
note 11
−13.9 −12.4 −10.9 dB
NR = off; DEEM = 50
µs
−15.2 −13.7 −12.2 dB
NR = off; DEEM = 75
µs
−18.6 −17.1 −15.6 dB
Ro
output resistance (pins 34 and 30)
100
125
150
Ω
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
37,27 (50 kHz)
V
37,27 (1 kHz)
---------------------------------
V
23,22 (15 kHz)
V
23,22 (1 kHz)
----------------------------------
V
23,22 (15 kHz)
V
23,22 (1 kHz)
----------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com