Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAA01DM24 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DAA01DM24
Description  Timers Delay on Operate
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DAA01DM24 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DAA01DM24 Datasheet HTML 1Page - List of Unclassifed Manufacturers DAA01DM24 Datasheet HTML 2Page - List of Unclassifed Manufacturers DAA01DM24 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Specifications are subject to change without notice (24.10.05)
L(+)
N(-)
m
m
A1
15
25
16
26
18
28
A2
DAA01C...
DAA01D...
DAA01D...
DAA01, PAA01
Power ON delay
≤ 100 ms
Reaction time
Instantaneous contact
< 20 ms from power ON
Indication for
Power supply ON
LED, green
Output relays ON
LED, yellow
(flashing when timing)
Environment
(EN 60529)
Degree of protection
IP 20
Pollution degree
3 (DAA01), 2 (PAA01)
(IEC 60664)
Operating temperature
-20° to +60°C, R.H. < 95%
Storage temperature
-30° to +80°C, R.H. < 95%
Housing dimensions
DIN-rail version
22.5 x 80 x 99.5 mm
Plug-in version
36 x 80 x 94 mm
Weight
Approx. 130 g
Screw terminals (DAA01)
Tightening torque
Max. 0.5 Nm according to
IEC EN 60947
Approvals
UL, CSA
RINA (DAA01 only)
CE marking
Yes
EMC
Electromagnetic Compatibillity
Immunity
According to EN 61000-6-2
Emission
According to EN 61000-6-3
Timer Specifications
According to EN 61812-1
General Specifications
Operating Diagram
Power supply
Relay 1
Relay 2
(Delayed)
Relay 2
(Istantaneous)
T
T
LED
Wiring Diagrams
Centre knob:
Lower knob:
Time setting on relative
Setting of time range
scale: 1 to 10 with respect
to the chosen range
Time Setting
Mode of Operation
The
yellow
LED,
flashing
when timing, is ON as soon
as the relay turns ON.
The second relay can operate
as instantaneous or delayed
changeover
contact.
The
selection is made by a DIP-
switch placed under the plas-
tic door on the device’s front.
The set delay period begins
as soon as the power supply
is connected. At the end of
the set delay the relay oper-
ates and does not release
until the power supply is
interrupted for at least 200
ms. If the power supply is
interrupted for at least 200
ms before the relay operates
the time is set to zero and the
circuit is ready for a new time
period.
m
L(+)
N(-)
m
2
111
48
39
PAA01C...
PAA01D...
PAA01D...
10
DAA01
PAA01
ON
OFF
ON
OFF
ON
OFF
DAA01C...
DAA01D...
DAA01D...
PAA01C...
PAA01D...
PAA01D...



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com