Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPA71DM23 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DPA71DM23
Description  Monitoring Relays 3-Phase Sequence and Phase Loss
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DPA71DM23 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DPA71DM23 Datasheet HTML 1Page - List of Unclassifed Manufacturers DPA71DM23 Datasheet HTML 2Page - List of Unclassifed Manufacturers DPA71DM23 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications are subject to change without notice (17.07.06)
1
Monitoring Relays
Product Description
• 3-phase monitoring relay for phase
sequence and phase loss
• Detects when all phases are present and have the
correct sequence
• Measures own power supply
• Power supply range: 208 to 480 VAC (±15%)
• Output: 5 A SPDT relay (DPA51) or 5 A DPDT relay (DPA71)
normally energized
• For mounting on DIN-rail in accordance with
DIN/EN 50 022
• 17.5 mm (DPA51) or 35.5 mm (DPA71) DIN-rail housing
(DIN 43880)
• LED indication for relay and power supply ON
Type Selection
Mounting
Output
Supply: 208 to 480 VAC
Supply: 208 to 240 VAC
Supply: 380 to 480 VAC
DIN-rail
SPDT
DPA 51 C M44
DIN-rail
DPDT
DPA 71 D M23
DPA 71 D M48
Input
L1, L2, L3
Terminals L1, L2, L3
Measures on own supply
Measuring range
208 to 480 VAC (DPA51CM44) 177 to 550 VAC
208 to 240 VAC (DPA71DM23) 177 to 275 VAC
380 to 480 VAC (DPA71DM48) 323 to 550 VAC
ON-level
> 85% of the phase- phase
voltage
3-Phase Sequence and Phase Loss
Types DPA51, DPA71
Input Specifications
Output
SPDT or DPDT relay, N.E.
Rated insulation voltage
250 VAC
Contact ratings (AgSnO2
DPA51 (SPDT):
Resistive loads
AC 1
5 A @ 250 VAC
DC 12
5 A @ 24 VDC
Small inductive loads AC 15
2.5 A @ 250 VAC
DC 13
2.5 A @ 24 VDC
DPA71 (DPDT)
Resistive loads
AC 1
5 A @ 250 VAC
Small inductive loads AC 15
3 A @ 250 VAC
DC 13
3 A @ 24 VDC
Mechanical life
≥ 30 x 106 operations
Electrical life
≥ 105 operations
(at 5 A, 250 V, cos
ϕ = 1)
Operating frequency
≤ 7200 operations/h
Dielectric strength
Dielectric voltage
≥ 2 kVAC (rms)
Rated impulse withstand volt. 4 kV (1.2/50 µs)
Output Specifications
3-Phase relay for detection of
incorrect
phase
sequence,
total and partial phase loss.
Supply range from 208 to 480
VAC covered by three multi-
voltage relay. For mounting
on DIN-rail. Housing 17.5 mm
wide for SPDT version and
35.5 mm for DPDT version,
suitable both for back and
front panel mounting. The
device detects regenerated
voltage up to 85% of the
nominal
voltage
(phase-
phase).
DPA51
DPA71
Ordering Key
Housing
Function
Type
Item number
Output
Power supply
DPA 51 C M44


Similar Part No. - DPA71DM23

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DPA ITT-DPA Datasheet
127Kb / 4P
Miniature Rack and Panel
logo
Sensata Technologies, I...
DPA SENSATA-DPA Datasheet
355Kb / 3P
PCB MOUNT
logo
Festo Corporation.
DPA-100-10 FESTO-DPA-100-10 Datasheet
100Kb / 1P
Pressure booster
DPA-100-10-A FESTO-DPA-100-10-A Datasheet
100Kb / 1P
Pressure booster
DPA-100-10-CRVZS20 FESTO-DPA-100-10-CRVZS20 Datasheet
104Kb / 1P
Pressure booster
More results

Similar Description - DPA71DM23

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DPA01CM44 ETC2-DPA01CM44 Datasheet
115Kb / 3P
Monitoring Relays 3-Phase Sequence and Phase Loss
DPB02CM23 ETC2-DPB02CM23 Datasheet
164Kb / 4P
Monitoring Relays True RMS 3-Phase, Phase Sequence/Loss - Asymmetry
EUAC220 ETC2-EUAC220 Datasheet
133Kb / 2P
Current and Voltage Controls 3-Phase Sequence and Phase Loss
logo
Omron Electronics LLC
K8AB-PA OMRON-K8AB-PA Datasheet
876Kb / 11P
Three-phase Asymmetry and Phase-sequence Phase-loss Relay
K8AB-PH OMRON-K8AB-PH Datasheet
569Kb / 6P
Phase-sequence Phase-loss Relay
K8AB-PM OMRON-K8AB-PM Datasheet
946Kb / 10P
Three-phase Phase-sequence Phase-loss Relay
logo
PHOENIX CONTACT
EMD-BL-PH-480 PHOENIX-EMD-BL-PH-480 Datasheet
141Kb / 6P
Phase sequence monitoring
EMD-SL-PH-400 PHOENIX-EMD-SL-PH-400 Datasheet
120Kb / 5P
Phase sequence monitoring
2866077 PHOENIX-2866077 Datasheet
120Kb / 5P
Electronic monitoring relay for phase sequence, phase failure, and asymmetry monitoring
logo
Omron Electronics LLC
K8DS-PH1 OMRON-K8DS-PH1 Datasheet
1Mb / 12P
Phase-sequence Phase-loss Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com