Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G9012 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # G9012
Description  PNP EPITAXIAL TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

G9012 Datasheet(HTML) 1 Page - GTM CORPORATION

  G9012 Datasheet HTML 1Page - GTM CORPORATION G9012 Datasheet HTML 2Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
ISSUED DATE :2004/11/18
REVISED DATE :
G
G 99001122
P
P N
N P
P E
E P
P II T
T A
A X
X II A
A LL T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The G9012 is designed for use in 1W output amplifier of portable radios in class B push-pull operation.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.45
4.7
D
4.44
4.7
S1
1.02
-
E
3.30
3.81
b
0.36
0.51
L
12.70
-
b1
0.36
0.76
e1
1.150
1.390
C
0.36
0.51
e
2.42
2.66
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-55 ~ +150
Collector to Base Voltage
VCBO
-40
V
Collector to Emitter Voltage
VCEO
-20
V
Emitter to Base Voltage
VEBO
-5
V
Collector Current
IC
-500
mA
Total Power Dissipation
PD
625
mW
Characteristics at Ta = 25 ::::
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-40
-
-
V
IC=-100uA , IE=0
BVCEO
-20
-
-
V
IC=-1mA, IB=0
BVEBO
-5
-
-
V
IE=-100uA, IC=0
ICBO
-
-
-100
nA
VCB=-25V, IE=0
IEBO
-
-
-100
nA
VEB=-3V, IC=0
VCE(sat)
-
-
-0.6
V
IC=-500mA, IB=-50mA
VBE(sat)
-
-
-1.2
V
IC=-500mA, IB=-50mA
VBE(on)
-
-
-0.9
V
VCE=-1V, IC=-10mA
hFE1
112
180
300
VCE=-1V, IC=-50mA
hFE2
40
-
-
VCE=-1V, IC=-500mA
fT
100
-
-
MHz
VCE=-1V, IC=-10mA, f=100MHz
Cob
-
-
8
pF
VCB=-10V, f=1MHz
Classification Of hFE1
Rank
G
H
L
hFE1
112 - 166
144 - 202
176 - 300
e 1
b
e
S E A T IN G
P L A N E
b 1
D
C
S 1
E
TO-92


Similar Part No. - G9012

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
G9012 ETL-G9012 Datasheet
164Kb / 2P
The G9012 is designed for use in 1W output amplifier of portable radios in class B push-pull operation.
More results

Similar Description - G9012

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GBC327 GTM-GBC327 Datasheet
189Kb / 3P
PNP EPITAXIAL TRANSISTOR
GJ8550 GTM-GJ8550 Datasheet
129Kb / 2P
PNP EPITAXIAL TRANSISTOR
GMBT9012 GTM-GMBT9012 Datasheet
221Kb / 2P
PNP EPITAXIAL TRANSISTOR
GSMBT8550 GTM-GSMBT8550 Datasheet
158Kb / 2P
PNP EPITAXIAL TRANSISTOR
logo
Chenmko Enterprise Co. ...
2SA1020N1PT CHENMKO-2SA1020N1PT Datasheet
128Kb / 4P
PNP Epitaxial Transistor
2SA1213PT CHENMKO-2SA1213PT Datasheet
154Kb / 4P
PNP Epitaxial Transistor
2SB772ZPT CHENMKO-2SB772ZPT Datasheet
141Kb / 4P
PNP Epitaxial Transistor
2SB1386PPT CHENMKO-2SB1386PPT Datasheet
389Kb / 3P
PNP Epitaxial Transistor
2SB1386PT CHENMKO-2SB1386PT Datasheet
159Kb / 3P
PNP Epitaxial Transistor
logo
Unisonic Technologies
TIP127 UTC-TIP127_09 Datasheet
217Kb / 4P
PNP EPITAXIAL TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com