Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8760K/2 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA8760K/2
Description  10-bit high-speed analog-to-digital converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8760K/2 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA8760K/2 Datasheet HTML 14Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 15Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 16Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 17Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 18Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 19Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 20Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 21Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
1996 Sep 12
18
Philips Semiconductors
Product specification
10-bit high-speed analog-to-digital
converter
TDA8760
INTERNAL PIN CONFIGURATION
Fig.10 Description of input and output circuitry.
handbook, full pagewidth
10 and 11
AGND
20
k
DGND
1.5 V
31 to 36,
40 and 41
30 and 37
25 and 43
30
k
DGND
1.5 V
30
k
12
V
CCA2
V
CCA1
V
CCA3
VCCD1 VCCD2
713
17
3
21
AGND1
8
AGND2
9
AGND3
12
AGND4
16
DGND1
4
DGND2
20
digital ground
analog ground
22 and 23
VCCD
CLK
CLK
OGND2 /
OGND3
CS
and
OTC
data output
bit 7 to 0
VI
V I
and
VCCO4
VCCO1 /
TDA8760
VCCO3
VCCA
MGA978
AGND
VCCA
15
14
VrefH
VrefL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com