Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93LC46AT-I/MS Datasheet(PDF) 14 Page - Microchip Technology

Part # 93LC46AT-I/MS
Description  1K Microwire Compatible Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC46AT-I/MS Datasheet(HTML) 14 Page - Microchip Technology

Back Button 93LC46AT-I/MS Datasheet HTML 10Page - Microchip Technology 93LC46AT-I/MS Datasheet HTML 11Page - Microchip Technology 93LC46AT-I/MS Datasheet HTML 12Page - Microchip Technology 93LC46AT-I/MS Datasheet HTML 13Page - Microchip Technology 93LC46AT-I/MS Datasheet HTML 14Page - Microchip Technology 93LC46AT-I/MS Datasheet HTML 15Page - Microchip Technology 93LC46AT-I/MS Datasheet HTML 16Page - Microchip Technology 93LC46AT-I/MS Datasheet HTML 17Page - Microchip Technology 93LC46AT-I/MS Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
93AA46A/B/C, 93LC46A/B/C, 93C46A/B/C
DS21749F-page 14
© 2005 Microchip Technology Inc.
Part Number
1st Line Marking Codes
TSSOP
MSOP
SOT-23
DFN
I Temp.
E Temp.
I Temp.
E Temp.
93AA46A
A46A
3A46AT
1BNN
—
301
—
93AA46B
A46B
3A46BT
1LNN
—
311
—
93AA46C
A46C
3A46CT
—
—
321
—
93LC46A
L46A
3L46AT
1ENN
1FNN
304
305
93LC46B
L46B
3L46BT
1PNN
1RNN
314
315
93LC46C
L46C
3L46CT
—
—
324
325
93C46A
C46A
3C46AT
1HNN
1JNN
307
308
93C46B
C46B
3C46BT
1TNN
1UNN
317
318
93C46C
C46C
3C46CT
—
—
327
328
Note:
T = Temperature grade (I, E)
NN = Alphanumeric traceability code
Legend: XX...X
Part number or part number code
T
Temperature (I, E)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC designator for Matte Tin (Sn)
Note:
For very small packages with no room for the Pb-free JEDEC designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
Note:
Please visit www.microchip.com/Pbfree for the latest information on Pb-free conversion.
*Standard OTP marking consists of Microchip part number, year code, week code, and traceability code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com