Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP29C Datasheet(PDF) 3 Page - STMicroelectronics

Part # TIP29C
Description  NPN power transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP29C Datasheet(HTML) 3 Page - STMicroelectronics

  TIP29C Datasheet HTML 1Page - STMicroelectronics TIP29C Datasheet HTML 2Page - STMicroelectronics TIP29C Datasheet HTML 3Page - STMicroelectronics TIP29C Datasheet HTML 4Page - STMicroelectronics TIP29C Datasheet HTML 5Page - STMicroelectronics TIP29C Datasheet HTML 6Page - STMicroelectronics TIP29C Datasheet HTML 7Page - STMicroelectronics TIP29C Datasheet HTML 8Page - STMicroelectronics TIP29C Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TIP29A TIP29C
Electrical characteristics
3/9
2
Electrical characteristics
(Tcase = 25°C; unless otherwise specified)
Table 3.
Electrical characteristics
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Unit
ICEO
Collector cut-off current
(IB = 0)
for TIP29A
VCE =30V
for TIP29C
VCE =60V
0.3
0.3
mA
mA
ICES
Collector cut-off current
(VBE = 0)
for TIP29A
VCE =60V
for TIP29C
VCE =100V
0.2
0.2
mA
mA
IEBO
Emitter cut-off current
(IC = 0)
VEB =5V
1mA
VCEO(sus)(1)
1. Pulsed duration = 300 ms, duty cycle
≥1.5%.
Collector-emitter
sustaining voltage
(IB = 0)
IC =30mA
for TIP29A
for TIP29C
60
100
V
V
VCE(sat)(1)
Collector-emitter
saturation voltage
IC =1A _
IB =125mA
0.7
V
VBE(1)
Base-emitter voltage
IC =1A
VCE =4V
1.3
V
hFE(1)
DC current gain
IC =0.2A
VCE =4V
IC =1A
VCE =4V
40
15
75



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com