Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8764ATS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8764ATS
Description  10-bit high-speed low-power ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8764ATS Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8764ATS Datasheet HTML 1Page - NXP Semiconductors TDA8764ATS Datasheet HTML 2Page - NXP Semiconductors TDA8764ATS Datasheet HTML 3Page - NXP Semiconductors TDA8764ATS Datasheet HTML 4Page - NXP Semiconductors TDA8764ATS Datasheet HTML 5Page - NXP Semiconductors TDA8764ATS Datasheet HTML 6Page - NXP Semiconductors TDA8764ATS Datasheet HTML 7Page - NXP Semiconductors TDA8764ATS Datasheet HTML 8Page - NXP Semiconductors TDA8764ATS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
2000 Jul 03
4
Philips Semiconductors
Product specification
10-bit high-speed low-power ADC
TDA8764A
PINNING
SYMBOL
PIN
DESCRIPTION
TDA8764ATS
TDA8764AHL
CLK
1
5
clock input
TC
2
6
twos complement input (active LOW)
VCCA
3
7
analog supply voltage (5 V)
AGND
4
8
analog ground
n.c.
5
9
not connected
VRB
6
12
reference voltage BOTTOM input
VRM
7
13
reference voltage MIDDLE input
VI
8
14
analog input voltage
VRT
9
15
reference voltage TOP input
OE
10
16
output enable input (active LOW)
VCCD
11
17
digital supply voltage (5 V)
DGND
12
18
digital ground
VCCO
13
19
supply voltage for output stages (2.7 to 3.6 V)
OGND
14
20
output ground
GRAY
15
21
gray code input (active HIGH)
D0
16
22
data output; bit 0 (LSB)
D1
17
23
data output; bit 1
D2
18
24
data output; bit 2
D3
19
25
data output; bit 3
D4
20
26
data output; bit 4
D5
21
27
data output; bit 5
D6
22
28
data output; bit 6
D7
23
29
data output; bit 7
D8
24
30
data output; bit 8
D9
25
31
data output; bit 9 (MSB)
IR
26
2
in range data output
n.c.
27
1
not connected
n.c.
28
3
not connected
n.c.
−
4
not connected
n.c.
−
10
not connected
n.c.
−
11
not connected
n.c.
−
32
not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com