Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2245 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2245
Description  4MHz PWM Synchronous Buck Regulator with LDO Standby Mode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2245 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2245 Datasheet HTML 1Page - Micrel Semiconductor MIC2245 Datasheet HTML 2Page - Micrel Semiconductor MIC2245 Datasheet HTML 3Page - Micrel Semiconductor MIC2245 Datasheet HTML 4Page - Micrel Semiconductor MIC2245 Datasheet HTML 5Page - Micrel Semiconductor MIC2245 Datasheet HTML 6Page - Micrel Semiconductor MIC2245 Datasheet HTML 7Page - Micrel Semiconductor MIC2245 Datasheet HTML 8Page - Micrel Semiconductor MIC2245 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MIC2245
4MHz PWM Synchronous Buck
Regulator with LDO Standby Mode
Patent Pending
LOWQ
is a trademark of Micrel, Inc
MLF and MicroLeadFrame are trademarks of Amkor Technology, Inc
Micrel, Inc • 2180 Fortune Drive • San Jose, Ca 95131 • USA • tel +1 (408) 944-0800 • fax +1 (408) 474-1000 • http://www.micrel.com
January 2006
M9999-012406
www.micrel.com
General Description
The Micrel MIC2245 is a high efficiency 4MHz pulse
width modulated (PWM) synchronous buck (step-
down) regulator that features a LOWQ™ LDO
standby mode that draws only 18µA of quiescent
current. The MIC2245 allows an ultra-low noise,
small size, and high efficiency solution for portable
power applications.
In PWM mode, the MIC2245 operates with a
constant frequency 4MHz PWM control. Under light
load conditions, such as in system sleep or standby
modes, the PWM switching operation can be
disabled to reduce switching losses. In this light
load LOWQ™ mode, the LDO maintains the output
voltage and draws only 18µA of quiescent current.
The LDO mode of operation saves battery life while
not introducing spurious noise and high ripple as
experienced with pulse skipping or bursting mode
regulators.
The MIC2245 operates from a 2.7V to 5.5V input
voltage and features internal power MOSFETs that
can supply up to 500mA output current in PWM
mode. It can operate with a maximum duty cycle of
100% for use in low-dropout conditions.
The MIC2245 is available in the 10-pin 3mm x 3mm
MLF™ package with a junction operating range from
–40
°C to +125°C.
Data sheet and support documentation can be found
on Micrel’s web site at: www.micrel.com.
Features
• 2.7 to 5.5V supply/input voltage
• Light load LOWQ™ LDO mode
20µA quiescent current
Low noise, 75µVrms
• 4MHz PWM mode
Output current to 500mA
>92% efficiency
100% maximum duty cycle
• Adjustable output voltage option down to 1V
Fixed output voltage options available
• Ultra-fast transient response
• Uses a tiny 1µH inductor
• Fully integrated MOSFET switches
• Micropower shutdown operation
• Thermal shutdown and current limit protection
• Pb-free 10-pin 3mm x 3mm MLF™ package
• –40°C to +125°C junction temperature range
Applications
• Cellular phones
• PDAs
• USB peripherals
____________________________________________________________________________________________________
Typical Application
Adjustable Output Buck Regulator with LOWQ™ Mode
0
10
20
30
40
50
60
70
80
90
100
OUTPUT CURRENT (mA)
1.8VOUT Efficiency
0
100
200
300
400
500
VIN=3.2V
VIN=3.6V
VIN=4.2V


Similar Part No. - MIC2245

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22400 MICREL-MIC22400 Datasheet
1,018Kb / 19P
4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
MIC22400 MICREL-MIC22400 Datasheet
1Mb / 28P
4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
MIC22400YML MICREL-MIC22400YML Datasheet
1,018Kb / 19P
4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
MIC22400YML MICREL-MIC22400YML Datasheet
1Mb / 28P
4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
MIC22400YML MICREL-MIC22400YML Datasheet
1Mb / 28P
4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
More results

Similar Description - MIC2245

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2205 MICREL-MIC2205 Datasheet
453Kb / 16P
2MHz PWM Synchronous Buck Regulator with LDO Standby Mode
MIC2285 MICREL-MIC2285 Datasheet
559Kb / 14P
8MHz PWM Synchronous Buck Regulator with LDO Standby Mode
MIC23051 MICREL-MIC23051 Datasheet
797Kb / 13P
4MHz PWM Buck Regulator 4MHz PWM Buck Regulator and Voltage Scaling
MIC2285A MICREL-MIC2285A Datasheet
551Kb / 14P
8MHz PWM Synchronous Buck Regulator with LDO Standby Mode
MIC3385 MICREL-MIC3385_10 Datasheet
558Kb / 14P
8MHz Inductorless Buck Regulator with LDO Standby Mode
MIC2205 MICREL-MIC2205_06 Datasheet
981Kb / 16P
2MHz PWM Synchronous Buck Regulator with LDO Standby Mode
MIC23603 MICREL-MIC23603 Datasheet
2Mb / 19P
4MHz PWM 6A Buck Regulator
MIC3385 MICREL-MIC3385_15 Datasheet
547Kb / 15P
8MHz Inductorless Buck Regulator with LDO Standby Mode
MIC23150 MICREL-MIC23150_15 Datasheet
1Mb / 18P
4MHz, PWM, 2A Buck Regulator with HyperLight Load
logo
ON Semiconductor
FAN65005A ONSEMI-FAN65005A Datasheet
1Mb / 26P
Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com