Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8763AM/5 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA8763AM/5
Description  10-bit high-speed low-power ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8763AM/5 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8763AM/5 Datasheet HTML 6Page - NXP Semiconductors TDA8763AM/5 Datasheet HTML 7Page - NXP Semiconductors TDA8763AM/5 Datasheet HTML 8Page - NXP Semiconductors TDA8763AM/5 Datasheet HTML 9Page - NXP Semiconductors TDA8763AM/5 Datasheet HTML 10Page - NXP Semiconductors TDA8763AM/5 Datasheet HTML 11Page - NXP Semiconductors TDA8763AM/5 Datasheet HTML 12Page - NXP Semiconductors TDA8763AM/5 Datasheet HTML 13Page - NXP Semiconductors TDA8763AM/5 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
1999 Jan 06
10
Philips Semiconductors
Product specification
10-bit high-speed low-power ADC
TDA8763A
Notes
1. In addition to a good layout of the digital and analog ground, it is recommended that the rise and fall times of the clock
must not be less than 0.5 ns.
2. Analog input voltages producing code 0 up to and including code 1023:
a) Voffset(B) (voltage offset BOTTOM) is the difference between the analog input which produces data equal to 00
and the reference voltage BOTTOM (VRB) at Tamb =25 °C.
b) Voffset(T) (voltage offset TOP) is the difference between reference voltage TOP (VRT) and the analog input which
produces data outputs equal to code 1023 at Tamb =25 °C.
TWO-TONE; note 8
TTIR
two-tone intermodulation
rejection
fclk = 40 MHz
−−69
dB
BIT ERROR RATE
BER
bit error rate
fclk = 50 MHz;
fi = 4.43 MHz;
VI = ±16 LSB at code 512
10−13
times/
sample
DIFFERENTIAL GAIN; note 9
Gdiff
differential gain
fclk = 40 MHz;
PAL modulated ramp
0.8
%
DIFFERENTIAL PHASE; note 9
ϕ
diff
differential phase
fclk = 40 MHz;
PAL modulated ramp
0.4
deg
Timing (fclk = 40 MHz; CL = 15 pF); see Fig.4; note 10
tds
sampling delay time
3
ns
th
output hold time
4
−−
ns
td
output delay time
VCCO = 4.75 V
10
13
ns
VCCO = 3.15 V
12
15
ns
CL
digital output load capacitance
−−
15
pF
3-state output delay times; see Fig.5
tdZH
enable HIGH
5.5
8.5
ns
tdZL
enable LOW
12
15
ns
tdHZ
disable HIGH
19
24
ns
tdLZ
disable LOW
12
15
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com