Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8131ARM Datasheet(PDF) 8 Page - Analog Devices

Part # AD8131ARM
Description  Low Cost, High Speed Differential Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8131ARM Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8131ARM Datasheet HTML 4Page - Analog Devices AD8131ARM Datasheet HTML 5Page - Analog Devices AD8131ARM Datasheet HTML 6Page - Analog Devices AD8131ARM Datasheet HTML 7Page - Analog Devices AD8131ARM Datasheet HTML 8Page - Analog Devices AD8131ARM Datasheet HTML 9Page - Analog Devices AD8131ARM Datasheet HTML 10Page - Analog Devices AD8131ARM Datasheet HTML 11Page - Analog Devices AD8131ARM Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD8131
Rev. B | Page 8 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC = NO CONNECT
AD8131
1
2
3
45
6
7
8
750
Ω
750
Ω
1.5k
Ω
1.5k
Ω
–DIN
VOCM
V+
+OUT
+DIN
NC
V–
–OUT
Figure 4. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
−DIN
Negative Input.
2
VOCM
Common-Mode Output Voltage. Voltage applied to this pin sets the common-mode output voltage with a ratio of
1:1. For example, 1 V dc on VOCM will set the dc bias level on +OUT and −OUT to 1 V.
3
V+
Positive Supply Voltage.
4
+OUT
Positive Output. Note: the voltage at −DIN is inverted at +OUT.
5
−OUT
Negative Output. Note: the voltage at +DIN is inverted at −OUT.
6
V−
Negative Supply Voltage.
7
NC
No Connect.
8
+DIN
Positive Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com