Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8626ARMZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD8626ARMZ
Description  Precision Low Power Single-Supply JFET Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8626ARMZ Datasheet(HTML) 5 Page - Analog Devices

  AD8626ARMZ Datasheet HTML 1Page - Analog Devices AD8626ARMZ Datasheet HTML 2Page - Analog Devices AD8626ARMZ Datasheet HTML 3Page - Analog Devices AD8626ARMZ Datasheet HTML 4Page - Analog Devices AD8626ARMZ Datasheet HTML 5Page - Analog Devices AD8626ARMZ Datasheet HTML 6Page - Analog Devices AD8626ARMZ Datasheet HTML 7Page - Analog Devices AD8626ARMZ Datasheet HTML 8Page - Analog Devices AD8626ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
AD8625/AD8626/AD8627
Rev. F | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Ratings
Supply Voltage
27 V
Input Voltage
VS– to VS+
Differential Input Voltage
± Supply Voltage
Output Short-Circuit Duration
Indefinite
Storage Temperature Range, R Package
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Junction Temperature Range, R Package
−65°C to +150°C
Lead Temperature Range (Soldering, 60 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
θJA is specified for worst-case conditions when devices are
soldered in circuit boards for surface-mount packages.
Table 4.
Package Type
θJA
θJC
Unit
5-Lead SC70 (KS)
376
126
°C/W
8-Lead MSOP (RM)
210
45
°C/W
8-Lead SOIC (R)
158
43
°C/W
14-Lead SOIC (R)
120
36
°C/W
14-Lead TSSOP (RU)
180
35
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com