Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1123L Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1123L
Description  3.3V, 8-Bit, Programmable Timing Element
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1123L Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1123L Datasheet HTML 1Page - Dallas Semiconductor DS1123L Datasheet HTML 2Page - Dallas Semiconductor DS1123L Datasheet HTML 3Page - Dallas Semiconductor DS1123L Datasheet HTML 4Page - Dallas Semiconductor DS1123L Datasheet HTML 5Page - Dallas Semiconductor DS1123L Datasheet HTML 6Page - Dallas Semiconductor DS1123L Datasheet HTML 7Page - Dallas Semiconductor DS1123L Datasheet HTML 8Page - Dallas Semiconductor DS1123L Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
3.3V, 8-Bit, Programmable Timing Element
2
______________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED DC OPERATING CONDITIONS
(TA = 0°C to +70°C)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on VCC Pin Relative to Ground .....-0.5V to +6.0V
*Voltage Range on IN, LE, Q/P0, CLK/P1, D/P2, P3, P4, P5, MS,
P6, P7, and P/S Relative to Ground ..........-0.5V to VCC + 0.5V
Operating Temperature Range...............................0
°C to +70°C
Storage Temperature Range .............................-55
°C to +125°C
Short-Circuit Output Current .....................................50mA for 1s
Soldering Temperature .......................................See IPC/JEDEC
J-STD-020A Specification
*Not to exceed +6.0V
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
+3.0
+3.6
V
Input Logic 1
VIH
(Note 2)
0.7 x VCC
VCC + 0.3
V
Input Logic 0
VIL
-0.3
+0.3 x VCC
V
DC ELECTRICAL CHARACTERISTICS
(VCC = +3.0 to 3.6V, TA = 0°C to +70°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Active and Standby Current
ICC
16
30
mA
High-Level Output Current
IOH
VCC = min, VOH = 2.3V
-1.0
mA
Q output, VCC = min, VOL = 0.5V
4.0
Low-Level Output Current
IOL
All other outputs, VCC = min, VOL = 0.5V
8.0
mA
Input Leakage
IL
-1.0
+1.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com