Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79574-2JC Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # AM79574-2JC
Description  Subscriber Line Interface Circuit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79574-2JC Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button AM79574-2JC Datasheet HTML 2Page - Advanced Micro Devices AM79574-2JC Datasheet HTML 3Page - Advanced Micro Devices AM79574-2JC Datasheet HTML 4Page - Advanced Micro Devices AM79574-2JC Datasheet HTML 5Page - Advanced Micro Devices AM79574-2JC Datasheet HTML 6Page - Advanced Micro Devices AM79574-2JC Datasheet HTML 7Page - Advanced Micro Devices AM79574-2JC Datasheet HTML 8Page - Advanced Micro Devices AM79574-2JC Datasheet HTML 9Page - Advanced Micro Devices AM79574-2JC Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
Am79574 Data Sheet
ELECTRICAL CHARACTERISTICS
Notes:
* P.G. = Performance Grade
–2 grade performance parameters are equivalent to –1 performance parameters except where indicated.
Description
Test Conditions (See Note 1)
Min
Typ
Max
Unit
Note
Analog (VTX) output impedance
3
Ω
4
Analog (VTX) output offset
0
°C to 70°C
–1*
–40
°C to +85°C
–1
–35
–30
–40
–35
+35
+30
+40
+35
mV
—
—
—
4
4
Analog (RSN) input impedance
1
20
Ω
4
Longitudinal impedance at A or B
300 Hz to 3.4 kHz
35
Overload level
Z2WIN = 600 to 900 Ω
4-wire
2-wire
–3.1
+3.1
Vpk
2
Transmission Performance, 2-Wire Impedance
2-wire return loss
(See Test Circuit D)
300 Hz to 500 Hz
500 Hz to 2.5 kHz
2500 Hz to 3.4 kHz
26
26
20
dB
4, 11
Longitudinal Balance (2-Wire and 4-Wire, See Test Circuit C)
RL = 600 Ω
Longitudinal to metallic L-T, L-4
300 Hz to 3.4 kHz
300 Hz to 3.4 kHz
–1*
48
52
dB
Longitudinal to metallic L-T, L-4
200 Hz to 1 kHz
normal polarity 0
°C to +70°C
–2*
normal polarity –40
°C to +85°C –2
reverse polarity
–2
63
58
54
—
4
—
1 kHz to 3.4 kHz
normal polarity 0
°C to +70°C
–2*
normal polarity –40
°C to +85°C –2
reverse polarity
–2
58
54
54
—
4
—
Longitudinal signal
generation 4-L
300 Hz to 800 Hz
300 Hz to 800 Hz
–1*
40
42
Longitudinal current capability
per wire
Active state
OHT state
25
18
mArms
4
Insertion Loss (2- to 4-Wire and 4- to 2-Wire, See Test Circuits A and B)
Gain accuracy
0 dBm, 1 kHz, 0
°C to +70°C
0 dBm, 1 kHz, –40
°C to +85°C
0 dBm, 1 kHz, 0
°C to +70°C
–1*
0 dBm, 1 kHz, –40
°C to +85°C –1
–0.15
–0.20
–0.1
–0.15
+0.15
+0.20
+0.1
+0.15
dB
—
4
—
4
Variation with frequency
300 Hz to 3.4 kHz
Relative to 1 kHz
0
°C to +70°C
–40
°C to +85°C
–0.1
–0.15
+0.1
+0.15
—
4
Gain tracking
+7 dBm to –55 dBm
0
°C to +70°C
–40
°C to +85°C
–0.1
–0.15
+0.1
+0.15
—
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com