Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1821 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1821
Description  Programmable Digital Thermostat and Thermometer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1821 Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS1821 Datasheet HTML 4Page - Dallas Semiconductor DS1821 Datasheet HTML 5Page - Dallas Semiconductor DS1821 Datasheet HTML 6Page - Dallas Semiconductor DS1821 Datasheet HTML 7Page - Dallas Semiconductor DS1821 Datasheet HTML 8Page - Dallas Semiconductor DS1821 Datasheet HTML 9Page - Dallas Semiconductor DS1821 Datasheet HTML 10Page - Dallas Semiconductor DS1821 Datasheet HTML 11Page - Dallas Semiconductor DS1821 Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
DS1821
8 of 18
CONFIGURATION REGISTER BIT DESCRIPTIONS Table 3
Bit Name
(User Access)
Functional Description
DONE — Temperature Conversion Done
(Read Only)
DONE = 0 — Temperature conversion is in progress.
DONE = 1 — Temperature conversion is complete.
NOTE: DONE = 0 at POR.
NVB — Non-volatile Memory Busy
(Read Only)
NVB = 0 — Nonvolatile memory is not busy.
NVB = 1 — A write to EEPROM memory is in progress
THF* — Temperature High Flag
(Read/Write)
THF = 0 — The measured temperature has not exceeded the
value stored in the TH register.
THF = 1 — At some point in time the measured temperature has
been higher than the value stored in the TH register. THF will
remain a 1 until it is over-written with a 0 by the user.
TLF* — Temperature Low Flag
(Read/Write)
TLF = 0 — The measured temperature has not been lower than
the value stored in the TL register.
TLF = 1 — At some point in time the measured temperature has
been lower than the value stored in the TL register. TLF will
remain a 1 until it is over-written with a 0 by the user.
T/R
¯* — Power-up Operating Mode
(Read/Write)
T/R
¯ = 0 — DS1821 powers up in 1- wire mode.
T/R
¯ = 1 — DS1821 powers up in thermostat mode.
POL* — Thermostat Output (DQ) Polarity
(Read/Write)
POL = 0 — Thermostat output (DQ) is active low.
POL = 1 — Thermostat output (DQ) is active high.
1SHOT* — Conversion Mode
(Read/Write)
1SHOT = 0 — Continuous conversion mode. The Start Convert
T [EEh] command initiates continuous temperature conversions,
which can be stopped with the Stop Convert T [22h] command.
1SHOT = 1 — One-shot mode. The Start Convert T [EEh]
command initiates a single temperature conversion after which
the DS1821 returns to a low-power standby state.
*Stored in EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com