Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS32KHZ/DIP Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS32KHZ/DIP
Description  32.768kHz Temperature-Compensated Crystal Oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS32KHZ/DIP Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS32KHZ/DIP Datasheet HTML 1Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 2Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 3Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 4Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 5Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 6Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 7Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1 of 8
REV: 080607
as
GENERAL DESCRIPTION
The DS32kHz is a temperature-compensated
crystal
oscillator
(TCXO)
with
an
output
frequency of 32.768kHz. This device addresses
applications
requiring
better
timekeeping
accuracy, and can be used to drive the X1 input
of most Dallas Semiconductor real-time clocks
(RTCs), chipsets, and other ICs containing
RTCs. This device is available in commercial
(DS32kHz)
and
industrial
(DS32kHz-N)
temperature versions.
APPLICATIONS
GPS Receivers
Telematics
Network Timing and Synchronization in Servers,
Routers, Hubs, and Switches
Automatic Power Meters
FEATURES
Accurate to ±4 Minutes/Year (-40°C to +85°C)
Accurate to ±1 Minute/Year (0°C to +40°C)
Battery Backup for Continuous Timekeeping
VBAT Operating Voltage: 2.7V to 5.5V with VCC
Grounded
VCC Operating Voltage: 4.5V to 5.5V
Operating Temperature Range:
0°C to +70°C (Commercial)
-40°C to +85°C (Industrial)
No Calibration Required
Low-Power Consumption
Surface Mountable Using BGA Package
UL Recognized
ORDERING INFORMATION
PART
TEMP
RANGE
PIN-
PACKAGE
TOP MARK*
DS32KHZ/DIP
0ºC to +70ºC
14 DIP
DS32KHZ
DS32KHZN/DIP
-40ºC to +85ºC
14 DIP
DS32KHZ-N
DS32KHZS
0ºC to +70ºC
16 SO (0.300”)
DS32KHZS
DS32KHZS#
0ºC to +70ºC
16 SO (0.300”)
DS32KHZS
DS32KHZSN
-40ºC to +85ºC
16 SO (0.300”)
DS32KHZSN
DS32KHZSN#
-40ºC to +85ºC
16 SO (0.300”)
DS32KHZSN
DS32KHZ/WBGA
0ºC to +70ºC
36 BGA
DS32KHZ
DS32KHZN/WBGA
-40ºC to +85ºC
36 BGA
DS32KHZ-N
#Denotes a RoHS-compliant device that may include lead that is exempt
under the RoHS requirements. The lead finish is JESD97 category e3, and
is compatible with both lead-based and lead-free soldering processes.
*A “#” anywhere on the top mark denotes a RoHS-compliant device. An “N”
denotes an industrial device.
PIN CONFIGURATIONS
DS32kHz
32.768kHz Temperature-Compensated
Crystal Oscillator
www.maxim-ic.com


Similar Part No. - DS32KHZ/DIP

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS32KHZ/DIP DALLAS-DS32KHZ/DIP Datasheet
443Kb / 10P
32.768kHz Temperature-Compensated Crystal Oscillator
logo
Maxim Integrated Produc...
DS32KHZ/DIP MAXIM-DS32KHZ/DIP Datasheet
369Kb / 8P
32.768kHz Temperature-Compensated Crystal Oscillator
REV: 071521
More results

Similar Description - DS32KHZ/DIP

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS32KHZ DALLAS-DS32KHZ Datasheet
443Kb / 10P
32.768kHz Temperature-Compensated Crystal Oscillator
logo
List of Unclassifed Man...
ZC503 ETC1-ZC503 Datasheet
2Mb / 4P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
CSX-532T ETC1-CSX-532T Datasheet
110Kb / 1P
Temperature Compensated Crystal Oscillator
logo
Abracon Corporation
ASTX-H08K ABRACON-ASTX-H08K Datasheet
279Kb / 2P
32.768KHz TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
ASVTX-H08K ABRACON-ASVTX-H08K Datasheet
280Kb / 2P
32.768KHz VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
Temperature Compensated Crystal Oscillator
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Vanlong Technology Co.,...
TO520 VANLONG-TO520_13 Datasheet
45Kb / 1P
Temperature Compensated Crystal Oscillator
logo
Maxim Integrated Produc...
DS32KHZ MAXIM-DS32KHZ Datasheet
369Kb / 8P
32.768kHz Temperature-Compensated Crystal Oscillator
REV: 071521
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com