Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2502P/T Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS2502P/T
Description  1 kbit Add-Only Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2502P/T Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS2502P/T Datasheet HTML 1Page - Dallas Semiconductor DS2502P/T Datasheet HTML 2Page - Dallas Semiconductor DS2502P/T Datasheet HTML 3Page - Dallas Semiconductor DS2502P/T Datasheet HTML 4Page - Dallas Semiconductor DS2502P/T Datasheet HTML 5Page - Dallas Semiconductor DS2502P/T Datasheet HTML 6Page - Dallas Semiconductor DS2502P/T Datasheet HTML 7Page - Dallas Semiconductor DS2502P/T Datasheet HTML 8Page - Dallas Semiconductor DS2502P/T Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
10/21/
1 of 22
071107
FEATURES
1024 bits Electrically Programmable Read
Only Memory (EPROM) communicates with
the economy of one signal plus ground
Unique, factory-lasered and tested 64-bit
registration number (8-bit family code + 48-
bit serial number + 8-bit CRC tester) assures
absolute traceability because no two parts are
alike
Built-in multidrop controller ensures
compatibility with other MicroLAN products
EPROM partitioned into four 256-bit pages
for randomly accessing packetized data
Each memory page can be permanently
write-protected to prevent tampering
Device is an “add only” memory where
additional data can be programmed into
EPROM without disturbing existing data
Architecture allows software to patch data by
superseding an old page in favor of a newly
programmed page
Reduces control, address, data, power, and
programming signals to a single data pin
Directly connects to a single port pin of a
microprocessor and communicates at up to
16.3 kbits per second
8-bit family code specifies DS2502
communications requirements to reader
Presence detector acknowledges when the
reader first applies voltage
Low cost TO-92 or 8-pin SO, SOT-23 (3-
pin), TSOC and flip chip surface mount
package
Reads over a wide voltage range of 2.8V to
6.0V from -40°C to +85°C; programs at
11.5V to 12.0V from -40°C to +50°C
DS2502
1 kbit Add-Only Memory
www.maxim-ic.com
PIN ASSIGNMENT
BOTTOM VIEW
TO-92
1
2
3
4
8
7
6
5
NC
NC
NC
NC
NC
NC
DATA
GND
DS2502
8-PIN SO (150 MIL)
12
09rrd
Flip Chip, Top View
with Laser Mark,
Contacts Not Visible.
“rrd” = Revision/Date
1 = DATA
2 = GND
See 56-G7010-001 for package outline.
NOTE: The leads of TO-92 packages on tape-
and-reel are formed to approximately 100 mil
(2.54 mm) spacing. For details refer to drawing
56-G0006-003.
DATA
1
2
3
6
5
4
TSOC PACKAGE
GND
NC
NC
NC
NC
TOP VIEW
SOT-23 Package
Top View
1
2
3
09rr
1 2 3
1 = DATA; 2, 3 = GND
“rr” = Revision


Similar Part No. - DS2502P/T

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2502P DALLAS-DS2502P Datasheet
451Kb / 3P
1 kbit Add-Only Memory
logo
Maxim Integrated Produc...
DS2502P+ MAXIM-DS2502P+ Datasheet
693Kb / 24P
1Kb Add-Only Memory
2015
DS2502P+T&R MAXIM-DS2502P+T&R Datasheet
693Kb / 24P
1Kb Add-Only Memory
2015
logo
Dallas Semiconductor
DS2502P-E48 DALLAS-DS2502P-E48 Datasheet
142Kb / 2P
48-Bit Node Address Chip
logo
Maxim Integrated Produc...
DS2502P-E48+ MAXIM-DS2502P-E48+ Datasheet
251Kb / 4P
48-Bit Node Address Chip
12/09
More results

Similar Description - DS2502P/T

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1982 DALLAS-DS1982 Datasheet
444Kb / 23P
1-kbit Add-Only iButton
DS1985 DALLAS-DS1985 Datasheet
440Kb / 25P
16-kbit Add-Only iButton
DS2502 DALLAS-DS2502 Datasheet
451Kb / 3P
1 kbit Add-Only Memory
DS2506 DALLAS-DS2506 Datasheet
558Kb / 25P
64-kbit Add-Only Memory
DS2505 DALLAS-DS2505 Datasheet
525Kb / 24P
16-kbit Add-Only Memory
logo
Maxim Integrated Produc...
DS2505 MAXIM-DS2505 Datasheet
603Kb / 24P
16Kb Add-Only Memory
071107
DS2502 MAXIM-DS2502_11 Datasheet
1Mb / 24P
1Kb Add-Only Memory
Rev 12/11
logo
Dallas Semiconductor
DS2505 DALLAS-DS2505_07 Datasheet
800Kb / 24P
16-kbit Add-Only Memory
logo
Maxim Integrated Produc...
DS2506 MAXIM-DS2506 Datasheet
898Kb / 25P
64Kb Add-Only Memory
062100
logo
ON Semiconductor
N21C21A ONSEMI-N21C21A Datasheet
454Kb / 16P
1 Kb 1-Wire EPROM Add-Only Memory
June, 2020 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com