Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2502P/R Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS2502P/R
Description  1 kbit Add-Only Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2502P/R Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS2502P/R Datasheet HTML 7Page - Dallas Semiconductor DS2502P/R Datasheet HTML 8Page - Dallas Semiconductor DS2502P/R Datasheet HTML 9Page - Dallas Semiconductor DS2502P/R Datasheet HTML 10Page - Dallas Semiconductor DS2502P/R Datasheet HTML 11Page - Dallas Semiconductor DS2502P/R Datasheet HTML 12Page - Dallas Semiconductor DS2502P/R Datasheet HTML 13Page - Dallas Semiconductor DS2502P/R Datasheet HTML 14Page - Dallas Semiconductor DS2502P/R Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
DS2502
11 of 22
eight additional read time slots and receive an 8-bit CRC that is the result of shifting into the CRC
generator all of the data bytes from the initial starting byte to the last byte of the current page. Once the 8-
bit CRC has been received, data is again read from the 1024-bit EPROM data field starting at the next
page. This sequence will continue until the final page and its accompanying CRC are read by the bus
master. Thus each page of data can be considered to be 33 bytes long: the 32 bytes of user-programmed
EPROM data and an 8-bit CRC that gets generated automatically at the end of each page.
This type of read differs from the Read Memory command which simple reads each page until the end of
address space is reached. The Read Memory command only generates an 8-bit CRC at the end of memory
space that often might be ignored, since in many applications the user would store a 16-bit CRC with the
data itself in each page of the 1024-bit EPROM data field at the time the page was programmed.
The Read Data/Generate 8-bit CRC command provides and alternate read capability for applications that
are “bit-oriented” rather than “page-oriented” where the 1024-bit EPROM information may change over
time within a page boundary making it impossible to program the page once and include an
accompanying CRC that will always be valid. Therefore, the Read Data/Generate 8-bit CRC command
concludes each page with the DS2502 generating and supplying an 8-bit CRC that is based on and
therefore is always consistent with the current data stored in each page of the 1024-bit EPROM data field.
After the 8-bit CRC of the last page is read, the bus master will receive logical 1s from the DS2502 until
a reset pulse is issued. The Read Data/Generate 8-Bit CRC command sequence can be exited at any point
by issuing a reset pulse.
WRITE MEMORY [0FH]
The Write Memory command is used to program the 1024–bit EPROM data field. The bus master will
follow the command byte with a 2-byte starting address (TA1=(T7:T0), TA2=(T5:T8)) and a byte of data
(D7:D0). An 8-bit CRC of the command byte, address bytes, and data byte is computed by the DS2502
and read back by the bus master to confirm that the correct command word, starting address, and data
byte were received.
The highest starting address within the DS2502 is 007FH. If the bus master sends a starting address
higher than this, the nine 9 most significant address bits are set to 0 by the internal circuitry of the chip.
This will result in a mismatch between the CRC calculated by the DS2502 and the CRC calculated by the
bus master, indicating an error condition.
If the CRC read by the bus master is incorrect, a reset pulse must be issued and the entire sequence must
be repeated. If the CRC received by the bus master is correct, a programming pulse (12 volts on the 1-
Wire bus for 480 µs) is issued by the bus master. Prior to programming, the entire unprogrammed 1024-
bit EPROM data field will appear as logical 1s. For each bit in the data byte provided by the bus master
that is set to a logical 0, the corresponding bit in the selected byte of the 1024-bit EPROM will be
programmed to a logical 0 after the programming pulse has been applied at that byte location.
After the 480 µs programming pulse is applied and the data line returns to a 5-volt level, the bus master
issues eight read time slots to verify that the appropriate bits have been programmed. The DS2502
responds with the data from the selected EPROM address sent least significant bit first. This byte contains
the logical AND of all bytes written to this EPROM data address. If the EPROM data byte contains 1s in
bit positions where the byte issued by the master contains 0s, a reset pulse should be issued and the
current byte address should be programmed again. If the DS2502 EPROM data byte contains 0s in the
same bit positions as the data byte, the programming was successful and the DS2502 will automatically
increment its address counter to select the next byte in the 1024-bit EPROM data field. The least



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com