Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8767H/2 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA8767H/2
Description  12-bit high-speed Analog-to-Digital Converter ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8767H/2 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8767H/2 Datasheet HTML 5Page - NXP Semiconductors TDA8767H/2 Datasheet HTML 6Page - NXP Semiconductors TDA8767H/2 Datasheet HTML 7Page - NXP Semiconductors TDA8767H/2 Datasheet HTML 8Page - NXP Semiconductors TDA8767H/2 Datasheet HTML 9Page - NXP Semiconductors TDA8767H/2 Datasheet HTML 10Page - NXP Semiconductors TDA8767H/2 Datasheet HTML 11Page - NXP Semiconductors TDA8767H/2 Datasheet HTML 12Page - NXP Semiconductors TDA8767H/2 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1999 Feb 16
9
Philips Semiconductors
Preliminary specification
12-bit high-speed Analog-to-Digital
Converter (ADC)
TDA8767
Notes to the characteristics
1. The
−3 dB (or −1 dB) analog bandwidth is determined by the 3 dB (or 1 dB) reduction in the reconstructed output,
the input being a full-scale sine wave.
2. THD (total harmonic distortion) is obtained with the addition of the first five harmonics:
F being the fundamental harmonic referenced at 0 dB for a full-scale sine wave input.
3. The analog input settling time is the minimum time required for the input signal to be stabilized after a sharp full-scale
input (square wave signal) in order to sample the signal and obtain correct output data (see Fig.5).
4. Output data acquisition: the output data is available after the maximum delay of td.
SIGNAL-TO-NOISE RATIO
S/N
signal-to-noise ratio
without harmonics;
fclk = 30 MHz; fi = 4.43 MHz
−
61
−
dB
Timing (CL = 15 pF); note 4; see Fig.3
tds
sampling delay time
−−
2ns
th
output hold time
8
−−
ns
td
output delay time
VCCO = 4.75 V
−
12
15
ns
VCCO = 3.15 V
15
18
ns
3-state output delay times; see Fig.4
tdZH
enable HIGH
−
14
18
ns
tdZL
enable LOW
−
16
20
ns
tdHZ
disable HIGH
−
16
20
ns
tdLZ
disable LOW
−
14
18
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
THD
20 log
F
(2nd)
2
(3rd)
2
(4th)
2
(5th)
2
(6th)
2
++
+
+
---------------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com