Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8772H/3 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA8772H/3
Description  Triple 8-bit video digital-to-analog converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8772H/3 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8772H/3 Datasheet HTML 2Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 3Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 4Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 5Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 6Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 7Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 8Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 9Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
1997 Mar 06
6
Philips Semiconductors
Product specification
Triple 8-bit video digital-to-analog
converter
TDA8772
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
HANDLING
Inputs and outputs are protected against electrostatic discharges in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling integrated circuits.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDDA
analog supply voltage
−0.5
+6.5
V
VDDD
digital supply voltage
−0.5
+6.5
V
∆VDD
supply voltage difference between VDDA and VDDD
−1.0
+1.0
V
Tstg
storage temperature
−55
+150
°C
Tamb
operating ambient temperature
0
70
°C
Tj
junction temperature
−
125
°C
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
75
K/W
Fig.2 Pin configuration.
handbook, full pagewidth
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
index
corner
TDA8772
V SSD1
R6
R5
R4
R3
R2
R1
R0
SYNC
VDDD2
B0
B1
MBB660 - 3
VSSD2
R7
V DDD1
B2
B3
B4
B5
B6
B7
CLKB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com