Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8780M Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8780M
Description  True logarithmic amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8780M Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8780M Datasheet HTML 4Page - NXP Semiconductors TDA8780M Datasheet HTML 5Page - NXP Semiconductors TDA8780M Datasheet HTML 6Page - NXP Semiconductors TDA8780M Datasheet HTML 7Page - NXP Semiconductors TDA8780M Datasheet HTML 8Page - NXP Semiconductors TDA8780M Datasheet HTML 9Page - NXP Semiconductors TDA8780M Datasheet HTML 10Page - NXP Semiconductors TDA8780M Datasheet HTML 11Page - NXP Semiconductors TDA8780M Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1995 Jul 25
8
Philips Semiconductors
Product specification
True logarithmic amplifier
TDA8780M
handbook, halfpage
80
20
1000
0
200
MLD209
400
600
800
60
40
20
0
Vout
(mV)
V
(dBm, 50
Ω)
in
R = 0
g
R = 3.3 k
Ω
g
R =
∞
g
Fig.3 Output voltage dependence on Rg.
VCC = 5 V; Vref = 2.5 V; fin = 10 MHz; Tamb =25 °C.
Fig.4 Typical transfer characteristics.
handbook, halfpage
80
20
1000
0
200
MGC118
400
600
800
60
40
20
0
Vout
(mV)
V
(dBm, 50
Ω)
in
Fig.5 Typical small signal gain.
handbook, halfpage
0
100
0
25
MGC666
50
75
100
50
Vout
(mV)
V
in
(
µV)
Rg = ∞
Rg = 0
Rg = 3.3 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com