Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24C02CE/MC Datasheet(PDF) 4 Page - Microchip Technology

Part # 24C02CE/MC
Description  2K 5.0V I2C??Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C02CE/MC Datasheet(HTML) 4 Page - Microchip Technology

  24C02CE/MC Datasheet HTML 1Page - Microchip Technology 24C02CE/MC Datasheet HTML 2Page - Microchip Technology 24C02CE/MC Datasheet HTML 3Page - Microchip Technology 24C02CE/MC Datasheet HTML 4Page - Microchip Technology 24C02CE/MC Datasheet HTML 5Page - Microchip Technology 24C02CE/MC Datasheet HTML 6Page - Microchip Technology 24C02CE/MC Datasheet HTML 7Page - Microchip Technology 24C02CE/MC Datasheet HTML 8Page - Microchip Technology 24C02CE/MC Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
24C02C
DS21202G-page 4
© 2007 Microchip Technology Inc.
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
2.1
SDA Serial Data
This is a bidirectional pin used to transfer addresses
and data into and data out of the device. It is an open
drain terminal, therefore the SDA bus requires a pull-up
resistor to VCC (typical 10 k
Ω for 100 kHz, 2 kΩ for
400 kHz).
For normal data transfer SDA is allowed to change only
during SCL low. Changes during SCL high are
reserved for indicating the Start and Stop conditions.
2.2
SCL Serial Clock
This input is used to synchronize the data transfer from
and to the device.
2.3
A0, A1, A2
The levels on these inputs are compared with the
corresponding bits in the slave address. The chip is
selected if the compare is true.
Up to eight 24C02C devices may be connected to the
same bus by using different Chip Select bit combina-
tions. These inputs must be connected to either VCC or
VSS.
2.4
WP
This is the hardware write-protect pin. It must be tied to
VCC or VSS. If tied to Vcc, the hardware write protection
is enabled. If the WP pin is tied to Vss the hardware
write protection is disabled.
2.5
Noise Protection
The 24C02C employs a VCC threshold detector circuit
which disables the internal erase/write logic if the VCC
is below 3.8 volts at nominal conditions.
The SCL and SDA inputs have Schmitt Trigger and
filter circuits which suppress noise spikes to assure
proper device operation even on a noisy bus.
3.0
FUNCTIONAL DESCRIPTIONS
The 24C02C supports a bidirectional 2-wire bus and
data transmission protocol. A device that sends data
onto the bus is defined as transmitter, and a device
receiving data as receiver. The bus has to be controlled
by a master device which generates the Serial Clock
(SCL), controls the bus access, and generates the Start
and Stop conditions, while the 24C02C works as slave.
Both master and slave can operate as transmitter or
receiver but the master device determines which mode
is activated.
Name
PDIP
SOIC
TSSOP
DFN
MSOP
Description
A0
111
11Address Pin A0
A1
222
22Address Pin A1
A2
333
33Address Pin A2
VSS
444
44Ground
SDA
555
55Serial Address/Data I/O
SCL
666
66Serial Clock
WP
7
7
7
7
7
Write-Protect Input
VCC
8
8
8
8
8
+4.5 to 5.5V Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com