Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8792 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8792
Description  3.3 V, 25 MHz 8-bit analog-to-digital converter ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8792 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8792 Datasheet HTML 9Page - NXP Semiconductors TDA8792 Datasheet HTML 10Page - NXP Semiconductors TDA8792 Datasheet HTML 11Page - NXP Semiconductors TDA8792 Datasheet HTML 12Page - NXP Semiconductors TDA8792 Datasheet HTML 13Page - NXP Semiconductors TDA8792 Datasheet HTML 14Page - NXP Semiconductors TDA8792 Datasheet HTML 15Page - NXP Semiconductors TDA8792 Datasheet HTML 16Page - NXP Semiconductors TDA8792 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1996 Feb 21
13
Philips Semiconductors
Product specification
3.3 V, 25 MHz 8-bit
analog-to-digital converter (ADC)
TDA8792
APPLICATION INFORMATION
Fig.12 Application diagram.
The analog and digital supplies should be separated and decoupled.
The external voltage generator must be built such that a good supply voltage ripple rejection is achieved with respect to the LSB value. The reference
ladder voltages can also be derived from a well regulated VDDA supply through a resistor bridge and a decoupled capacitor.
For applications where the input signal must remain well centred around middle scale, VRM must be decoupled and connected to analog input signal
(pin 5) through a resistor. The values must be defined in accordance with the input signal frequency in order to avoid direct coupling into the ADC ladder
(e.g. R = 5 k
Ω and C = 100 nF).
(1) VRB, VRM and VRT are decoupled to VSSA.
(2) Pin 11 should be connected to VSSA in order to prevent noise influence.
handbook, full pagewidth
24
23
22
21
20
19
18
17
16
15
14
13
TDA8792
1
2
3
4
5
6
7
8
9
10
11
12
MLD128 - 1
100 nF
100 nF
100 nF
(1)
(1)
(1)
(2)
CLK
V
STDBY
V
n.c.
D1
D7
D6
D5
D4
D3
D2
D0
OE
V
I bias
VRM
V RB
VRT
DDD
VSSD2
V
SSA1
V
SSA2
V
DDA
V
I
SSO
DDO
3.3 V
100 nF
100 nF
100 nF
22 k
Ω
3.3 V
3.3 V
3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com