Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93C56B-E/P Datasheet(PDF) 2 Page - Microchip Technology

Part # 93C56B-E/P
Description  4K Microwire Compatible Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C56B-E/P Datasheet(HTML) 2 Page - Microchip Technology

  93C56B-E/P Datasheet HTML 1Page - Microchip Technology 93C56B-E/P Datasheet HTML 2Page - Microchip Technology 93C56B-E/P Datasheet HTML 3Page - Microchip Technology 93C56B-E/P Datasheet HTML 4Page - Microchip Technology 93C56B-E/P Datasheet HTML 5Page - Microchip Technology 93C56B-E/P Datasheet HTML 6Page - Microchip Technology 93C56B-E/P Datasheet HTML 7Page - Microchip Technology 93C56B-E/P Datasheet HTML 8Page - Microchip Technology 93C56B-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
DS21795C-page 2
© 2005 Microchip Technology Inc.
Package Types (not to scale)
CS
CLK
DI
DO
1
2
3
4
8
7
6
5
VCC
NC
ORG*
VSS
PDIP/SOIC
(P, SN)
CS
CLK
DI
DO
1
2
3
4
8
7
6
5
VCC
NC
ORG*
VSS
ROTATED SOIC
(ex: 93LC46BX)
TSSOP/MSOP
CS
CLK
DI
DO
1
2
3
4
8
7
6
5
VCC
NC
ORG*
VSS
(ST, MS)
SOT-23
DO
VSS
DI
1
2
3
6
5
4
VCC
CS
CLK
(OT)
* ORG pin is NC on A/B devices
DFN
CS
CLK
DI
DO
NC
ORG*
VSS
VCC
8
7
6
5
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com