Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5100/30C Datasheet(PDF) 1 Page - Alpha Wire

Part # 5100/30C
Description  24 (7/32) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

5100/30C Datasheet(HTML) 1 Page - Alpha Wire

  5100/30C Datasheet HTML 1Page - Alpha Wire 5100/30C Datasheet HTML 2Page - Alpha Wire 5100/30C Datasheet HTML 3Page - Alpha Wire 5100/30C Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 5100/30C
Construction
 
Diameters (In)
1) Component 1
30 X 1 COND
 
a) Conductor
24 (7/32) AWG Tinned Copper
0.024
b) Insulation
0.010" Wall, Nom. PVC, Semi Rigid
0.044
(1) Color Code
Alpha Wire Color Code E
Cond Color
Cond Color
Cond Color
1
BLACK
11
WHITE/BLACK
21
WHITE/BLACK/RED
2
BROWN 12
WHITE/BROWN
22
WHITE/BLACK/ORANGE
3
RED
13
WHITE/RED 23
WHITE/BLACK/YELLOW
4
ORANGE 14
WHITE/ORANGE
24
WHITE/BLACK/GREEN
5
YELLOW 15
WHITE/YELLOW
25
WHITE/BLACK/BLUE
6
GREEN
16
WHITE/GREEN
26
WHITE/BLACK/VIOLET
7
BLUE
17
WHITE/BLUE27
WHITE/BLACK/SLATE
8
VIOLET
18
WHITE/VIOLET
28
WHITE/BROWN/RED
9
SLATE
19
WHITE/SLATE
29
WHITE/BROWN/ORANGE
10
WHITE
20
WHITE/BLACK/BROWN
30
WHITE/BROWN/YELLOW
2) Cable Assembly
30 Components Cabled
 
a) Twists:
3.0 Twists/foot (min)
 
b) Orientation:
Components to be arranged from INSIDE LAYER to
OUTSIDE LAYER
 
c) Core Wrap
Nonwoven Polyester Tape, 20% Overlap, Min.
 
3) Shield:
Alum/Mylar Tape, 20% Overlap, Min.
 
a) Foil Direction
Foil Facing In
 
b) Drain Wire
24 (7/32) AWG Tinned Copper
 
4) Jacket
0.032" Wall, Nom.,PVC
0.354 (0.374 Max.)
a) Color(s)
Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige,
White
b) Ripcord
1 End 810 Denier Nylon
 
c) Print
ALPHA WIRE-* P/N 5100/30C 30C 24 AWG
XTRAGUARD(R) 1 SHIELDED (UL) TYPE CM 105C SUN RES
OR AWM 2464 80C 300V OR AWM 2517 105C 300V
VW-1 --- LLXXXXXX CSA 105C TYPE CMG FT4
CE ROHS OIL RESISTANT (SEQ FOOTAGE)
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending
upon plant of manufacture.]


Similar Part No. - 5100/30C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5100/15C ALPHAWIRE-5100/15C Datasheet
99Kb / 5P
Customer SpecificationS
12/5/2022
5100/20C ALPHAWIRE-5100/20C Datasheet
100Kb / 5P
Customer SpecificationS
12/13/2022
5100/25C ALPHAWIRE-5100/25C Datasheet
413Kb / 4P
24 (7/32) AWG Tinned Copper
5100/40C ALPHAWIRE-5100/40C Datasheet
415Kb / 5P
24 (7/32) AWG Tinned Copper
5100/60C ALPHAWIRE-5100/60C Datasheet
417Kb / 5P
24 (7/32) AWG Tinned Copper
More results

Similar Description - 5100/30C

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
1346014 ETC2-1346014 Datasheet
102Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
28517 ETC2-28517 Datasheet
33Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
28502 ETC2-28502 Datasheet
33Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
1351316 ETC2-1351316 Datasheet
99Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
1351319 ETC2-1351319 Datasheet
99Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
1351642 ETC2-1351642 Datasheet
103Kb / 4P
24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
1350SB ETC2-1350SB Datasheet
101Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
logo
Molex Electronics Ltd.
0082247707 MOLEX1-0082247707_17 Datasheet
26Kb / 1P
2.54mm Pitch Round Conductor Flat Cable - 24 AWG (7 x 32) Stranded, Tinned, 7 circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com