Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8808AT Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8808AT
Description  Photo diode signal processor for compact disc players
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8808AT Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8808AT Datasheet HTML 9Page - NXP Semiconductors TDA8808AT Datasheet HTML 10Page - NXP Semiconductors TDA8808AT Datasheet HTML 11Page - NXP Semiconductors TDA8808AT Datasheet HTML 12Page - NXP Semiconductors TDA8808AT Datasheet HTML 13Page - NXP Semiconductors TDA8808AT Datasheet HTML 14Page - NXP Semiconductors TDA8808AT Datasheet HTML 15Page - NXP Semiconductors TDA8808AT Datasheet HTML 16Page - NXP Semiconductors TDA8808AT Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
November 1987
13
Philips Semiconductors
Product specification
Photo diode signal processor for compact
disc players
TDA8808T
TDA8808AT
Threshold total LF current
IDT2
−
3,9
−µA
Output voltage
DODS = HIGH
(
≥ 2,4 V)
∆VDET < VDETn2 or
VTL
∆VDET > VDETp2
IDT don’t care
2,4
−−
V
VTL
VDETn1 < ∆VDET < VDETp1
IDT don’t care
2,4
−−
V
VDETn2 < VDET < VDETn1 or
VTL
VDETp1 < ∆VDET < VDETp2
IDT < IDT2
2,4
−−
V
VDETn2 < VDET < VDETn1 or
VTL
VDETp1 < VDET < VDETp2
IDT > IDT2
−
0,15
0,4
V
Output voltage
DODS = LOW
(
≤ 0,8 V)
∆VDET < VDETn2 or
VTL
∆VDET > VDETp2
IDT don’t care
2,4
−−
V
VTL
VDETn2 < ∆VDET < VDETp2
IDT < IDT2
2,4
−−
V
VTL
VDETn2 < ∆VDET < VDETp2
IDT > IDT2
−
0,15
0,4
V
ITL
Output sink current
VTL = LOW
1
2,2
−
mA
ITL
Output source current
VTL = HIGH
−−100
−50
µA
τ1
Delay times (see Fig.10)
7
8,5
10
µs
τ2
see Fig.6
τ1−15%
or 6,5
−τ1+ 5%
or 10
µs
τ3
7
8,5
10
µs
τ4
τ3−10%
or 7
−τ3+10%
or 10
µs
LO output (pin 17)
VLO
Output voltage
−−
VP - 0,5
V
Z
LO
Output impedance
−
95
−
k
Ω
ILO
Output leakage current
Si/RD = LOW
−10
−0,1
0
µA
ILO
Maximum output current
Si/RD = HIGH Z
−8
−4
−2mA
LM input (pin 18)
VLM
Input voltage
closed loop
185
205
225
mV
ILM
Input bias current
−2
−−
µA
Laser supply
Transconductance
GLDC
For DC (note 11)
Si/RD = HIGH Z
−
0,5
−
A/V
GLDC
Si/RD = LOW
−
0
−
A/V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com