Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS65R360 Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # MS65R360
Description  N-CHANNEL MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

MS65R360 Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  MS65R360 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. MS65R360 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. MS65R360 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. MS65R360 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. MS65R360 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. MS65R360 Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. MS65R360 Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. MS65R360 Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. MS65R360 Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
R
版本:202403F
1/13
N 沟道增强型场效应晶体管
N-CHANNEL MOSFET
MS65R360
订 货 型 号 Order codes
印
记
Marking
封
装
Package
有卤-条管
无卤-条管
有卤-编带
无卤-编带
Halogen-Tube
Halogen-Free-Tube
Halogen-reel
Halogen-Free-Reel
MS65R360-F1-B
MS65R360-F1-BR
N/A
N/A
MS65R360
TO-220MF-K1
MS65R360-F2-B
MS65R360-F2-BR
N/A
N/A
MS65R360
TO-220MF-K2
MS65R360-F4-B
MS65R360-F4-BR
N/A
N/A
MS65R360
TO-220MF-K4
MS65R360-R-B
MS65R360-R-BR
MS65R360-R-A
MS65R360-R-AR
MS65R360
DPAK
MS65R360-C-B
MS65R360-C-BR
N/A
N/A
MS65R360
TO-220C
主要参数
MAIN
CHARACTERISTICS
ID
11A
VDSS
650 V
Rdson-max
(@Vgs=10V)
0.40
Ω
Qg-typ
22 nC
用途
 高频开关电源
 电子镇流器
 LED 电源
APPLICATIONS
 High frequency switching
mode power supply
 Electronic ballast
 LED power supply
产品特性
低栅极电荷
开关速度快
产品全部经过雪崩测试
高抗 dv/dt 能力
RoHS 产品
超结产品
FEATURES
Low gate charge
Fast switching
100% avalanche tested
Improved dv/dt capability
RoHS product
Super Junction MOS
订货信息 ORDER MESSAGE
封装 Package


Similar Part No. - MS65R360

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
MS65R040 JSMC-MS65R040 Datasheet
681Kb / 8P
N-CHANNEL MOSFET
202304A
MS65R040-GE-B JSMC-MS65R040-GE-B Datasheet
681Kb / 8P
N-CHANNEL MOSFET
202304A
MS65R040-GE-BR JSMC-MS65R040-GE-BR Datasheet
681Kb / 8P
N-CHANNEL MOSFET
202304A
MS65R044R JSMC-MS65R044R Datasheet
687Kb / 8P
N-CHANNEL MOSFET
202408B
MS65R044R-GE-B JSMC-MS65R044R-GE-B Datasheet
687Kb / 8P
N-CHANNEL MOSFET
202408B
More results

Similar Description - MS65R360

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com