Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8920TH Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA8920TH
Description  2 x 50 W class-D power amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8920TH Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8920TH Datasheet HTML 2Page - NXP Semiconductors TDA8920TH Datasheet HTML 3Page - NXP Semiconductors TDA8920TH Datasheet HTML 4Page - NXP Semiconductors TDA8920TH Datasheet HTML 5Page - NXP Semiconductors TDA8920TH Datasheet HTML 6Page - NXP Semiconductors TDA8920TH Datasheet HTML 7Page - NXP Semiconductors TDA8920TH Datasheet HTML 8Page - NXP Semiconductors TDA8920TH Datasheet HTML 9Page - NXP Semiconductors TDA8920TH Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1998 Dec 01
6
Philips Semiconductors
Preliminary specification
2
× 50 W class-D power amplifier
TDA8920
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
QUALITY SPECIFICATION
Quality according to
“SNW-FQ-611-part E”, if this type is used as an audio amplifier.
SWITCHING CHARACTERISTICS
VDD = ±25 V; Tamb =25 °C; measured in Fig.5; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD
supply voltage
−±30
V
Vms
mode select switch voltage
with respect to SGND
−
5.5
V
Vsc
short-circuit voltage of output pins
−±30
V
IOSM
non-repetitive peak output current
−
10
A
IORM
repetitive peak output current
−
7.5
A
Ptot
total power dissipation
−
60
W
Tstg
storage temperature
−55
+150
°C
Tamb
operating ambient temperature
−40
+85
°C
Tvj
virtual junction temperature
−
150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
40
K/W
Rth(j-c)
thermal resistance from junction to case
10
K/W
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
fosc
oscillator frequency
400
500
600
kHz
VOSC(p-p)
voltage at tracking point (peak-to-peak value)
−
1.75
−
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com