Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8941P Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8941P
Description  1.5 W mono Bridge Tied Load BTL audio amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8941P Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8941P Datasheet HTML 1Page - NXP Semiconductors TDA8941P Datasheet HTML 2Page - NXP Semiconductors TDA8941P Datasheet HTML 3Page - NXP Semiconductors TDA8941P Datasheet HTML 4Page - NXP Semiconductors TDA8941P Datasheet HTML 5Page - NXP Semiconductors TDA8941P Datasheet HTML 6Page - NXP Semiconductors TDA8941P Datasheet HTML 7Page - NXP Semiconductors TDA8941P Datasheet HTML 8Page - NXP Semiconductors TDA8941P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Philips Semiconductors
TDA8941P
1.5 W mono BTL audio amplifier
Product specification
Rev. 02 — 7 April 2000
4 of 21
9397 750 06864
© Philips Electronics N.V. 2000. All rights reserved.
The input cut-off frequency is:
(1)
For Ri =45kΩ and Ci = 220 nF:
(2)
As shown in Equation 1 and 2, large capacitor values for the inputs are not
necessary; so the switch-on delay during charging of the input capacitors, can be
minimized. This results in a good low frequency response and good switch-on
behaviour.
Remark: To prevent HF oscillations do not leave the inputs open, connect a capacitor
of at least 1.5 nF across the input pins close to the device.
8.2 Power amplifier
The power amplifier is a Bridge Tied Load (BTL) amplifier with an all-NPN output
stage, capable of delivering a peak output current of 2 A.
The BTL principle offers the following advantages:
• Lower peak value of the supply current
• The ripple frequency on the supply voltage is twice the signal frequency
• No expensive DC-blocking capacitor
• Good low frequency performance.
8.2.1
Output power measurement
The output power as a function of the supply voltage is measured on the output pins
at THD = 10%; see Figure 8. The maximum output power is limited by the maximum
power dissipation in the plastic package.
8.2.2
Headroom
Typical CD music requires at least 12 dB (factor 15.85) dynamic headroom –
compared to the average power output – for transferring the loudest parts without
distortion. At VCC =9V, RL =16 Ω and Po = 1 W at THD = 1% (see Figure 6), the
Average Listening Level (ALL) – music power – without any distortion yields:
Po(ALL) = 1 W/15.85 = 63 mW.
The power dissipation can be derived from Figure 11 on page 10 for 0 dB
respectively 12 dB headroom.
f
i cut
off
–
()
1
2
π R
i
C
i
×
()
-----------------------------
=
f
i cut
off
–
()
1
2
π 45 10
3
×
220
×
10
9
–
×
()
-----------------------------------------------------------------
16 Hz
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com