Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VAD-3/8 Datasheet(PDF) 1 Page - Festo Corporation.

Part # VAD-3/8
Description  Vacuum generator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

VAD-3/8 Datasheet(HTML) 1 Page - Festo Corporation.

  VAD-3/8 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Vacuum generator
VAD-3/8
Part number: 19294
General operating condition
Data sheet
Feature
Value
Nominal width of Laval nozzle
1.5 mm
Mounting position
Any
Ejector characteristics
High vacuum
Structural design
T-shape
Symbol
00991482
Operating pressure
0.15 MPa ... 1 MPa
Operating pressure
1.5 bar ... 10 bar
Operating pressure
21.75 psi ... 145 psi
Max. vacuum
80 %
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Temperature of medium
-20 °C ... 80 °C
Ambient temperature
-20 °C ... 80 °C
Type of mounting
With through-hole
Pneumatic connection 1
G3/8
Pneumatic connection 3
G3/8
Vacuum connection
G3/8
Housing material
Die-cast aluminum
9/23/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - VAD-3/8

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VAD-1/4 FESTO-VAD-1/4 Datasheet
106Kb / 1P
Vacuum generator
VAD-1/8 FESTO-VAD-1/8 Datasheet
106Kb / 1P
Vacuum generator
logo
CUI INC
VAD-55A CUI-VAD-55A Datasheet
115Kb / 2P
Metal Enclosed Switching Power Supply
VAD-55B CUI-VAD-55B Datasheet
115Kb / 2P
Metal Enclosed Switching Power Supply
logo
Festo Corporation.
VAD-M5 FESTO-VAD-M5 Datasheet
106Kb / 1P
Vacuum generator
More results

Similar Description - VAD-3/8

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VN-10-H-T3-PI4-VI4-RI4 FESTO-VN-10-H-T3-PI4-VI4-RI4 Datasheet
81Kb / 1P
Vacuum generator
VN-10-L-T4-PQ2-VA5-RQ3 FESTO-VN-10-L-T4-PQ2-VA5-RQ3 Datasheet
85Kb / 1P
Vacuum generator
VN-10-L-T4-PQ2-VQ2-O2-P FESTO-VN-10-L-T4-PQ2-VQ2-O2-P Datasheet
94Kb / 2P
Vacuum generator
VN-10-L-T4-PQ2-VQ3-RQ3 FESTO-VN-10-L-T4-PQ2-VQ3-RQ3 Datasheet
88Kb / 1P
Vacuum generator
VN-14-H-T4-PI4-VI5-RI5 FESTO-VN-14-H-T4-PI4-VI5-RI5 Datasheet
80Kb / 1P
Vacuum generator
VN-14-H-T4-PQ2-VQ3-RQ3 FESTO-VN-14-H-T4-PQ2-VQ3-RQ3 Datasheet
89Kb / 1P
Vacuum generator
VN-14-L-T4-PQ2-VQ3-RQ3 FESTO-VN-14-L-T4-PQ2-VQ3-RQ3 Datasheet
86Kb / 1P
Vacuum generator
VN-14-L-T4-PQ3-VQ3-RO2-A FESTO-VN-14-L-T4-PQ3-VQ3-RO2-A Datasheet
94Kb / 2P
Vacuum generator
VADMI-140 FESTO-VADMI-140 Datasheet
95Kb / 2P
Vacuum generator
VADMI-140-N FESTO-VADMI-140-N Datasheet
97Kb / 2P
Vacuum generator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com