Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8005ART-EBZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD8005ART-EBZ
Description  270 MHz, 400 μA Current Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8005ART-EBZ Datasheet(HTML) 5 Page - Analog Devices

  AD8005ART-EBZ Datasheet HTML 1Page - Analog Devices AD8005ART-EBZ Datasheet HTML 2Page - Analog Devices AD8005ART-EBZ Datasheet HTML 3Page - Analog Devices AD8005ART-EBZ Datasheet HTML 4Page - Analog Devices AD8005ART-EBZ Datasheet HTML 5Page - Analog Devices AD8005ART-EBZ Datasheet HTML 6Page - Analog Devices AD8005ART-EBZ Datasheet HTML 7Page - Analog Devices AD8005ART-EBZ Datasheet HTML 8Page - Analog Devices AD8005ART-EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
AD8005
Rev. B | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
12.6 V
Internal Power Dissipation1
PDIP Package (N-8)
1.3 Watts
SOIC_N (R-8)
0.75 Watts
SOT-23 Package (RJ-5)
0.5 Watts
Input Voltage (Common Mode)
±VS ± 1 V
Differential Input Voltage
±3.5 V
Output Short Circuit Duration
Observe Power Derating Curves
Storage Temperature Range
–65°C to +125°C
Operating Temperature Range
–40°C to +85°C
Lead Temperature Range
(Soldering 10 sec)
+300°C
1 See Table 4.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for device in free air.
Table 4. Thermal Resistance
Package Type
θJA
Unit
8-Lead PDIP Package
90
°C/W
8-Lead SOIC_N Package
155
°C/W
5-Lead SOT-23 Package
240
°C/W
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the AD8005
is limited by the associated rise in junction temperature. The
maximum safe junction temperature for plastic encapsulated
devices is determined by the glass transition temperature of the
plastic, approximately +150°C. Exceeding this limit temporarily
causes a shift in parametric performance due to a change in the
stresses exerted on the die by the package. Exceeding a junction
temperature of +175°C for an extended period can result in
device failure.
While the AD8005 is internally short circuit protected, this is
not sufficient to guarantee that the maximum junction temper-
ature (+150°C) is not exceeded under all conditions. To ensure
proper operation, it is necessary to observe the maximum
power derating curves shown in Figure 5.
Figure 5. Maximum Power Dissipation vs. Temperature
ESD CAUTION
–50
–30
–10
1030507090
–40
–20
0
20406080
AMBIENT TEMPERATURE (°C)
TJ = 150°C
2.0
1.5
1.0
0.5
0
8-LEAD PDIP PACKAGE
8-LEAD SOIC_N PACKAGES
5-LEAD SOT-23 PACKAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com