Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD823 Datasheet(PDF) 3 Page - Analog Devices

Part # AD823
Description  Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD823 Datasheet(HTML) 3 Page - Analog Devices

  AD823 Datasheet HTML 1Page - Analog Devices AD823 Datasheet HTML 2Page - Analog Devices AD823 Datasheet HTML 3Page - Analog Devices AD823 Datasheet HTML 4Page - Analog Devices AD823 Datasheet HTML 5Page - Analog Devices AD823 Datasheet HTML 6Page - Analog Devices AD823 Datasheet HTML 7Page - Analog Devices AD823 Datasheet HTML 8Page - Analog Devices AD823 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
AD823
Rev. E | Page 3 of 20
SPECIFICATIONS
At TA = 25°C, +VS = +5 V, RL = 2 kΩ to 2.5 V, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth, VO ≤ 0.2 V p-p
G = +1
12
16
MHz
Full Power Response
VO = 2 V p-p
3.5
MHz
Slew Rate
G = −1, VO = 4 V Step
14
22
V/µs
Settling Time
to 0.1%
G = −1, VO = 2 V Step
320
ns
to 0.01%
G = −1, VO = 2 V Step
350
ns
NOISE/DISTORTION PERFORMANCE
Input Voltage Noise
f = 10 kHz
16
nV/√Hz
Input Current Noise
f = 1 kHz
1
fA/√Hz
Harmonic Distortion
RL = 600 Ω to 2.5 V, VO = 2 V p-p, f = 20 kHz
−108
dBc
Crosstalk
f = 1 kHz
RL = 5 kΩ
−105
dB
f = 1 MHz
RL = 5 kΩ
−63
dB
DC PERFORMANCE
Initial Offset
0.2
0.8
mV
Maximum Offset Over temperature
0.3
2.0
mV
Offset Drift
2
µV/°C
Input Bias Current
VCM = 0 V to 4 V
3
25
pA
at TMAX
VCM = 0 V to 4 V
0.5
5
nA
Input Offset Current
2
20
pA
at TMAX
0.5
nA
Open-Loop Gain
VO = 0.2 V to 4 V, RL = 2 kΩ
20
45
V/mV
TMIN to TMAX
20
V/mV
INPUT CHARACTERISTICS
Input Common-Mode Voltage Range
−0.2 to +3
−0.2 to +3.8
V
Input Resistance
1013
Ω
Input Capacitance
1.8
pF
Common-Mode Rejection Ratio
VCM = 0 V to 3 V
60
76
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
IL = ±100 µA
0.025 to 4.975
V
IL = ±2 mA
0.08 to 4.92
V
IL = ±10 mA
0.25 to 4.75
V
Output Current
VOUT = 0.5 V to 4.5 V
16
mA
Short-Circuit Current
Sourcing to 2.5 V
40
mA
Sinking to 2.5 V
30
mA
Capacitive Load Drive
G = +1
500
pF
POWER SUPPLY
Operating Range
3
36
V
Quiescent Current
TMIN to TMAX, total
5.2
5.6
mA
Power Supply Rejection Ratio
VS = 5 V to 15 V, TMIN to TMAX
70
80
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com