Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8944 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA8944
Description  2 x 7 W stereo Bridge Tied Load BTL audio amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8944 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA8944 Datasheet HTML 13Page - NXP Semiconductors TDA8944 Datasheet HTML 14Page - NXP Semiconductors TDA8944 Datasheet HTML 15Page - NXP Semiconductors TDA8944 Datasheet HTML 16Page - NXP Semiconductors TDA8944 Datasheet HTML 17Page - NXP Semiconductors TDA8944 Datasheet HTML 18Page - NXP Semiconductors TDA8944 Datasheet HTML 19Page - NXP Semiconductors TDA8944 Datasheet HTML 20Page - NXP Semiconductors TDA8944 Datasheet HTML 21Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
© Philips Electronics N.V. 2000.
Printed in The Netherlands
All rights are reserved. Reproduction in whole or in part is prohibited without the prior
written consent of the copyright owner.
The information presented in this document does not form part of any quotation or
contract, is believed to be accurate and reliable and may be changed without notice. No
liability will be accepted by the publisher for any consequence of its use. Publication
thereof does not convey nor imply any license under patent- or other industrial or
intellectual property rights.
Date of release: 14 February 2000
Document order number: 9397 750 06861
Contents
Philips Semiconductors
TDA8944J
2 x 7 W stereo BTL audio amplifier
1
General description . . . . . . . . . . . . . . . . . . . . . . 1
2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
3
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
4
Quick reference data . . . . . . . . . . . . . . . . . . . . . 1
5
Ordering information . . . . . . . . . . . . . . . . . . . . . 2
6
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 2
7
Pinning information . . . . . . . . . . . . . . . . . . . . . . 3
7.1
Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
7.2
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3
8
Functional description . . . . . . . . . . . . . . . . . . . 4
8.1
Input configuration . . . . . . . . . . . . . . . . . . . . . . 4
8.2
Power amplifier . . . . . . . . . . . . . . . . . . . . . . . . . 5
8.2.1
Output power measurement . . . . . . . . . . . . . . . 5
8.2.2
Headroom . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
8.3
Mode selection . . . . . . . . . . . . . . . . . . . . . . . . . 5
8.3.1
Switch-on and switch-off. . . . . . . . . . . . . . . . . . 6
8.4
Supply Voltage Ripple Rejection (SVRR) . . . . . 6
8.5
Built-in protection circuits . . . . . . . . . . . . . . . . . 6
8.5.1
Short-circuit protection . . . . . . . . . . . . . . . . . . . 6
8.5.2
Thermal shutdown protection . . . . . . . . . . . . . . 6
9
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 7
10
Thermal characteristics. . . . . . . . . . . . . . . . . . . 7
11
Static characteristics. . . . . . . . . . . . . . . . . . . . . 7
12
Dynamic characteristics . . . . . . . . . . . . . . . . . . 8
13
Internal circuitry. . . . . . . . . . . . . . . . . . . . . . . . 12
14
Application information. . . . . . . . . . . . . . . . . . 13
14.1
Printed-circuit board (PCB). . . . . . . . . . . . . . . 13
14.1.1
Layout and grounding . . . . . . . . . . . . . . . . . . . 13
14.1.2
Power supply decoupling . . . . . . . . . . . . . . . . 14
14.2
Thermal behaviour and heatsink calculation . 15
15
Test information. . . . . . . . . . . . . . . . . . . . . . . . 15
15.1
Quality information . . . . . . . . . . . . . . . . . . . . . 15
15.2
Test conditions . . . . . . . . . . . . . . . . . . . . . . . . 15
16
Package outline . . . . . . . . . . . . . . . . . . . . . . . . 16
17
Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
17.1
Introduction to soldering through-hole mount
packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
17.2
Soldering by dipping or by solder wave . . . . . 17
17.3
Manual soldering . . . . . . . . . . . . . . . . . . . . . . 17
17.4
Package related soldering information . . . . . . 17
18
Revision history . . . . . . . . . . . . . . . . . . . . . . . . 18
19
Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 19
20
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
21
Disclaimers. . . . . . . . . . . . . . . . . . . . . . . . . . . . 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com