Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8032ARM Datasheet(PDF) 7 Page - Analog Devices

Part # AD8032ARM
Description  2.7 V, 800 μA, 80 MHz Rail-to-Rail I/O Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8032ARM Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8032ARM Datasheet HTML 3Page - Analog Devices AD8032ARM Datasheet HTML 4Page - Analog Devices AD8032ARM Datasheet HTML 5Page - Analog Devices AD8032ARM Datasheet HTML 6Page - Analog Devices AD8032ARM Datasheet HTML 7Page - Analog Devices AD8032ARM Datasheet HTML 8Page - Analog Devices AD8032ARM Datasheet HTML 9Page - Analog Devices AD8032ARM Datasheet HTML 10Page - Analog Devices AD8032ARM Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
AD8031/AD8032
Rev. G | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
90
80
0
40
30
20
10
60
50
70
N = 250
VOS (mV)
–5
–4
–3
–2
–1
0123
45
Figure 8. Typical VOS Distribution @ VS = 5 V
2.5
2.3
1.5
2.1
1.9
1.7
VS =±5V
VS =+5V
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
90
TEMPERATURE (°C)
Figure 9. Input Offset Voltage vs. Temperature
–30
1.00
0.65
0.50
0.95
0.70
0.60
0.55
0.85
0.75
0.90
0.80
VS =5V
TEMPERATURE (°C)
–40
–20 –10
0
10203040
5060
7080
90
Figure 10. Input Bias Current vs. Temperature
COMMON-MODE VOLTAGE (V)
800
–800
600
400
200
0
–200
–400
–600
01
23
45
6
78
9
10
VS =10V
VS =5V
VS =2.7V
Figure 11. Input Bias Current vs. Common-Mode Voltage
COMMON-MODE VOLTAGE (V)
0
–0.3
–0.6
–0.1
–0.2
–0.4
–0.5
VS =5V
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Figure 12. VOS vs. Common-Mode Voltage
1000
750
600
950
800
700
650
900
850
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
90
TEMPERATURE (°C)
±IS,VS =±5V
+IS,VS =+5V
+IS,VS = +2.7V
Figure 13. Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com