Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8541 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8541
Description  CMOS Rail-to-Rail General-Purpose Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8541 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8541 Datasheet HTML 9Page - Analog Devices AD8541 Datasheet HTML 10Page - Analog Devices AD8541 Datasheet HTML 11Page - Analog Devices AD8541 Datasheet HTML 12Page - Analog Devices AD8541 Datasheet HTML 13Page - Analog Devices AD8541 Datasheet HTML 14Page - Analog Devices AD8541 Datasheet HTML 15Page - Analog Devices AD8541 Datasheet HTML 16Page - Analog Devices AD8541 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Data Sheet
AD8541/AD8542/AD8544
THEORY OF OPERATION
analog.com
Rev. H | 13 of 18
NOTES ON THE AD854X AMPLIFIERS
The AD8541/AD8542/AD8544 amplifiers are improved perform-
ance, general-purpose operational amplifiers. Performance has
been improved over previous amplifiers in several ways, including
lower supply current for 1 MHz gain bandwidth, higher output
current, and better performance at lower voltages.
Lower Supply Current for 1 MHz Gain
Bandwidth
The AD854x series typically uses 45 µA of current per amplifier,
which is much less than the 200 µA to 700 µA used in earlier
generation parts with similar performance. This makes the AD854x
series a good choice for upgrading portable designs for longer
battery life. Alternatively, additional functions and performance can
be added at the same current drain.
Higher Output Current
At 5 V single supply, the short-circuit current is typically 60 µA.
Even 1 V from the supply rail, the AD854x amplifiers can provide a
30 mA output current, sourcing, or sinking.
Sourcing and sinking are strong at lower voltages, with 15 mA
available at 2.7 V and 18 mA at 3.0 V. For even higher output
currents, see the AD8541/AD8542/AD8544 parts for output currents
to 250 mA. Information on these parts is available from your
Analog Devices, Inc. representative, and data sheets are available
at www.analog.com.
Better Performance at Lower Voltages
The AD854x family of parts was designed to provide better ac
performance at 3.0 V and 2.7 V than previously available parts.
Typical gain bandwidth product is close to 1 MHz at 2.7 V. Voltage
gain at 2.7 V and 3.0 V is typically 500,000. Phase margin is
typically over 60°C, making the part easy to use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com