Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8554 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8554
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8554 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8554 Datasheet HTML 15Page - Analog Devices AD8554 Datasheet HTML 16Page - Analog Devices AD8554 Datasheet HTML 17Page - Analog Devices AD8554 Datasheet HTML 18Page - Analog Devices AD8554 Datasheet HTML 19Page - Analog Devices AD8554 Datasheet HTML 20Page - Analog Devices AD8554 Datasheet HTML 21Page - Analog Devices AD8554 Datasheet HTML 22Page - Analog Devices AD8554 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
AD8551/AD8552/AD8554
Rev. F | Page 19 of 24
CAPACITIVE LOAD DRIVE
The AD8551/AD8552/AD8554 have excellent capacitive load
driving capabilities and can safely drive up to 10 nF from a
single 5 V supply. Although the device is stable, capacitive
loading limits the bandwidth of the amplifier. Capacitive loads
also increase the amount of overshoot and ringing at the output.
An R-C snubber network, shown in Figure 61, can be used to
compensate the amplifier against capacitive load ringing and
overshoot.
5V
VIN
200mV p-p
RX
60Ω
CX
0.47µF
CL
4.7nF
VOUT
AD8551/
AD8552/
AD8554
Figure 61. Snubber Network Configuration for Driving Capacitive Loads
Although the snubber does not recover the loss of amplifier
bandwidth from the load capacitance, it does allow the amplifier to
drive larger values of capacitance while maintaining a minimum of
overshoot and ringing. Figure 62 shows the output of an AD8551/
AD8552/AD8554 driving a 1 nF capacitor with and without a
snubber network.
WITH
SNUBBER
WITHOUT
SNUBBER
10µs
100mV
VSY = 5V
CLOAD = 4.7nF
Figure 62. Overshoot and Ringing are Substantially Reduced
Using a Snubber Network
The optimum value for the resistor and capacitor is a function
of the load capacitance and is best determined empirically because
actual CLOAD (CL) includes stray capacitances and may differ
substantially from the nominal capacitive load. Table 5 shows
some snubber network values that can be used as starting points.
Table 5. Snubber Network Values for Driving Capacitive Loads
CLOAD
RX
CX
1 nF
200 Ω
1 nF
4.7 nF
60 Ω
0.47 μF
10 nF
20 Ω
10 μF
POWER-UP BEHAVIOR
At power-up, the AD8551/AD8552/AD8554 settle to a valid
output within 5 μs. Figure 63 shows an oscilloscope photo of the
output of the amplifier with the power supply voltage, and
Figure 64 shows the test circuit. With the amplifier configured
for unity gain, the device takes approximately 5 μs to settle to its
final output voltage. This turn-on response time is much faster
than most other autocorrection amplifiers, which can take
hundreds of microseconds or longer for their output to settle.
V+
0V
0V
VOUT
5µs
1V
BOTTOM TRACE = 2V/DIV
TOP TRACE = 1V/DIV
Figure 63. AD8551/AD8552/AD8554 Output Behavior on Power-Up
VOUT
AD8551/
AD8552/
AD8554
VSY = 0V TO 5V
100kΩ
100kΩ
Figure 64. AD8551/AD8552/AD8554 Test Circuit for Turn-On Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com