Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8539ARZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD8539ARZ
Description  Low Power, Precision, Auto-Zero Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8539ARZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8539ARZ Datasheet HTML 10Page - Analog Devices AD8539ARZ Datasheet HTML 11Page - Analog Devices AD8539ARZ Datasheet HTML 12Page - Analog Devices AD8539ARZ Datasheet HTML 13Page - Analog Devices AD8539ARZ Datasheet HTML 14Page - Analog Devices AD8539ARZ Datasheet HTML 15Page - Analog Devices AD8539ARZ Datasheet HTML 16Page - Analog Devices AD8539ARZ Datasheet HTML 17Page - Analog Devices AD8539ARZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD8538/AD8539
Data Sheet
Rev. B | Page 14 of 24
AD8539 CHARACTERISTICS
AD8539 only, VS = 5 V or ±2.5 V, unless otherwise noted.
–10 –9 –8 –7 –6 –5 –4 –3 –2 –1 0 1 2
3 4 5
6 7
8 9 10
VOS (µV)
800
700
600
500
400
300
200
100
0
AD8539
VSY = 5V
0 < VCM < 5V
TA = 25°C
Figure 34. AD8539 Input Offset Voltage Distribution
0
0.016
0.032
0.048
0.064
0.080
0.096
TCVOS (µV)
60
50
40
30
20
10
0
AD8539
VSY = ±2.5V
–40°C < VCM < 125°C
Figure 35. AD8539 Input Offset Voltage Drift Distribution
20
10
0
–10
–20
01
2
3
45
VCM (V)
AD8539
VSY = 5V
0V < VCM < 5V
TA = 25°C
Figure 36. AD8539 Input Offset Voltage vs. Input Common-Mode Voltage
5
25
45
65
85
105
125
TEMPERATURE (°C)
1000.0
100.0
10.0
1.0
0.1
0.01
AD8539
VSY = 5V
Figure 37. AD8539 Input Bias Current vs. Temperature
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VSY (V)
400
350
300
250
200
150
100
50
0
AD8539
VSY = 0V TO 5V
–40°C < TA < +125°C
+125°C
–40°C
+85°C
+25°C
Figure 38. AD8539 Supply Current vs. Supply Voltage
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
400
375
350
325
300
275
250
225
200
AD8539
VSY = ±2.5V
VSY = ±1.35V
Figure 39. AD8539 Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com