Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9141 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA9141
Description  PAL/NTSC/SECAM decoder/sync processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9141 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA9141 Datasheet HTML 9Page - NXP Semiconductors TDA9141 Datasheet HTML 10Page - NXP Semiconductors TDA9141 Datasheet HTML 11Page - NXP Semiconductors TDA9141 Datasheet HTML 12Page - NXP Semiconductors TDA9141 Datasheet HTML 13Page - NXP Semiconductors TDA9141 Datasheet HTML 14Page - NXP Semiconductors TDA9141 Datasheet HTML 15Page - NXP Semiconductors TDA9141 Datasheet HTML 16Page - NXP Semiconductors TDA9141 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
December 1992
13
Philips Semiconductors
Product specification
PAL/NTSC/SECAM decoder/sync processor
TDA9141
INPUT SIGNALS
Table 4
Source select.
INA
INB
SOURCE
0
0
CVBS
01
YC
1
−
auto CVBS/YC
Table 5
Trap bypass.
TB
CONDITION
0
trap not bypassed
1
trap bypassed
Table 6
Comb filter enable.
ECMB
CONDITION
0
comb filter disabled
1
comb filter enabled
Table 7
Phase 1 time constant.
FOA
FOB
MODE
0
0
auto
0
1
slow
1
−
fast
Table 8
Crystal indication.
XA
XB
CRYSTAL
0
0
2 x 3.6 MHz
0
1
1 x 3.6 MHz
1
0
1 x 4.4 MHz
1
1
3.6 and 4.4 MHz
Table 9
Forced field frequency.
FORF
FORS
FIELD FREQUENCY
0
0
auto; 60 Hz if no lock
0
1
60 Hz
1
0
50 Hz
1
1
auto; 50 Hz if no lock
Table 10 Output value I/O port.
OPA
CONDITION
0
LOW
1
HIGH
Table 11 Output value O port.
OPB
CONDITION
0
LOW
1
HIGH
Table 12 Phase 1 loop control.
POC
CONDITION
0
phase one loop closed
1
phase one loop open
Table 13 Forced standard.
Note to table 13
1. If XA and XB indicate that only one crystal is
connected to the IC and FM and FRQF force it to use
the second crystal the colour will be switched off.
FM
SAF
FRQF
STANDARD
0
−−
auto search
1
0
0
PAL/NTSC second crystal
1
0
1
PAL/NTSC reference crystal
1
1
0
illegal
1
1
1
SECAM reference crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com