Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3028LD Datasheet(PDF) 7 Page - BYCHIP ELECTRONICS CO., LIMITED

Part # C3028LD
Description  N-Channel and P-Channel Enhancement Mode Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED

C3028LD Datasheet(HTML) 7 Page - BYCHIP ELECTRONICS CO., LIMITED

  C3028LD Datasheet HTML 1Page - BYCHIP ELECTRONICS CO., LIMITED C3028LD Datasheet HTML 2Page - BYCHIP ELECTRONICS CO., LIMITED C3028LD Datasheet HTML 3Page - BYCHIP ELECTRONICS CO., LIMITED C3028LD Datasheet HTML 4Page - BYCHIP ELECTRONICS CO., LIMITED C3028LD Datasheet HTML 5Page - BYCHIP ELECTRONICS CO., LIMITED C3028LD Datasheet HTML 6Page - BYCHIP ELECTRONICS CO., LIMITED C3028LD Datasheet HTML 7Page - BYCHIP ELECTRONICS CO., LIMITED C3028LD Datasheet HTML 8Page - BYCHIP ELECTRONICS CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
30
40
50
60
70
80
2
4
6
8
10
-VGS-Gate to Source Voltage (V)
ID= -5A
Tj= 25
℃
0.5
1
1.5
2
-75
-25
25
75
125
175
Tj-Junction Temperature (℃)
Vgs= -10V
ID= -5A
Figure 5. On-Resistance vs Gate to Source Voltage
Figure 6. Normalized On-Resistance
20
30
40
50
60
0
2
4
6
8
10
-ID-Drain Current (A)
Tj= 25
℃
VGS=-4.5V
VGS=-10V
0.1
1
10
0.4
0.5
0.6
0.7
0.8
0.9
1
-Vsd- Source to Drain Voltage (V)
25
℃
150
℃
Figure 7. RDS(on) VS Drain Current
Figure 8. Forward characteristics of reverse diode
0.9
0.95
1
1.05
1.1
-75
-25
25
75
125
175
Tj-Junction Temperature (℃)
ID=-250uA
0.2
0.4
0.6
0.8
1
1.2
1.4
-75
-25
25
75
125
175
Tj-Junction Temperature (℃)
ID=-250uA
Figure 9. Normalized breakdown voltage
Figure 10. Normalized Threshold voltage
www.bychip.cn
C3028LD
v7.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com