Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS6690AS Datasheet(PDF) 1 Page - BYCHIP ELECTRONICS CO., LIMITED

Part # FDS6690AS
Description  N-Channel Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED

FDS6690AS Datasheet(HTML) 1 Page - BYCHIP ELECTRONICS CO., LIMITED

  FDS6690AS Datasheet HTML 1Page - BYCHIP ELECTRONICS CO., LIMITED FDS6690AS Datasheet HTML 2Page - BYCHIP ELECTRONICS CO., LIMITED FDS6690AS Datasheet HTML 3Page - BYCHIP ELECTRONICS CO., LIMITED FDS6690AS Datasheet HTML 4Page - BYCHIP ELECTRONICS CO., LIMITED FDS6690AS Datasheet HTML 5Page - BYCHIP ELECTRONICS CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
N-Channel Enhancement Mode Power MOSFET
Features
 VDS=
30V, ID= 13 A
RDS(ON) <
9 mΩ @ VGS = 10V
RDS(ON) <
11 mΩ @ VGS = 4.5V
●
Advanced Trench Technology
●
Provide Excellent RDS(ON) and Low Gate
Charge
●
Lead Free and Green Available
100% UIS TESTED!
100% ΔVds TESTED!
General Features
SOP-8
Schematic diagram
pin assignment
Absolute Maximum Ratings T
C = 25º
C, unless otherwise noted
Parameter
Symbol
Value
Unit
Drain-Source Voltage
V
DS
30
V
Continuous Drain Current
I
D
13
A
Pulsed Drain Current
(note1)
I
DM
50
A
Gate-Source Voltage
V
GS
±20
V
Power Dissipation
P
D
2.5
W
Operating Junction and Storage Temperature Range
T
J, Tstg
-55 To 150
ºC
Thermal Resistance
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-Ambient
R
thJA
50
ºC/W
www.bychip.cn
FDS6690AS
v1.0


Similar Part No. - FDS6690AS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6690AS FAIRCHILD-FDS6690AS Datasheet
143Kb / 8P
30V N-Channel PowerTrench SyncFET
FDS6690AS FAIRCHILD-FDS6690AS Datasheet
759Kb / 8P
30V N-Channel PowerTrench짰 SyncFET?
logo
Texas Instruments
FDS6690AS TI-FDS6690AS Datasheet
909Kb / 33P
Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
logo
TECH PUBLIC Electronics...
FDS6690AS-TP TECHPUBLIC-FDS6690AS-TP Datasheet
2Mb / 4P
N-Channel 30-V (D-S) MOSFET
logo
Fairchild Semiconductor
FDS6690AS FAIRCHILD-FDS6690AS_08 Datasheet
759Kb / 8P
30V N-Channel PowerTrench짰 SyncFET?
More results

Similar Description - FDS6690AS

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com