Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9151B Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA9151B
Description  Programmable deflection controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9151B Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA9151B Datasheet HTML 1Page - NXP Semiconductors TDA9151B Datasheet HTML 2Page - NXP Semiconductors TDA9151B Datasheet HTML 3Page - NXP Semiconductors TDA9151B Datasheet HTML 4Page - NXP Semiconductors TDA9151B Datasheet HTML 5Page - NXP Semiconductors TDA9151B Datasheet HTML 6Page - NXP Semiconductors TDA9151B Datasheet HTML 7Page - NXP Semiconductors TDA9151B Datasheet HTML 8Page - NXP Semiconductors TDA9151B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
July 1994
2
Philips Semiconductors
Preliminary specification
Programmable deflection controller
TDA9151B
FEATURES
General
• 6.75, 13.5 and 27 MHz clock frequency
• Few external components
• Synchronous logic
• I2C-bus controlled
• Easy interfacing
• Low power
• ESD protection
• Flash detection with restart
• Two-level sandcastle pulse.
Vertical deflection
• 16-bit precision vertical scan
• Self adaptive or programmable fixed slope mode
• DC coupled deflection to prevent picture bounce
• Programmable fixed compression to 75%
• Programmable vertical expansion in the fixed slope
mode
• S-correction can be preset
• S-correction setting independent of the field frequency
• Differential output for high DC stability
• Current source outputs for high EMC immunity
• Programmable de-interlace phase.
East-West correction
• DC coupled EW correction to prevent picture bounce
• 2nd and 4th order geometry correction can be preset
• Trapezium correction
• Geometry correction settings are independent of field
frequency
• Self adaptive Bult generator prevents ringing of the
horizontal deflection
• Current source output for high EMC immunity.
Horizontal deflection
• Phase 2 loop with low jitter
• Internal loop filter
• Dual slicer horizontal flyback input
• Soft start by I2C-bus
• Over voltage protection/detection with selection and
status bit.
EHT correction
• Input selection between aquadag or EHT bleeder
• Internal filter.
GENERAL DESCRIPTION
The TDA9151B is a programmable deflection controller
contained in a 20-pin DIP package and constructed using
BIMOS technology. This high performance
synchronization and DC deflection processor has been
especially designed for use in both digital and analog
based TV receivers and monitors, and serves horizontal
and vertical deflection functions for all TV standards. The
TDA9151B uses a line-locked clock at 6.75, 13.5 or
27 MHz, depending on the line frequency and application,
and requires only a few external components. The device
can be programmed in a self-adaptive mode or in a
programmable fixed slope mode. Selection of these
modes and a large number of other functions is fully
programmable via the I2C-bus.
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
TDA9151B
20
DIP
plastic
SOT146-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com