Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1864 Datasheet(PDF) 45 Page - Dallas Semiconductor

Part # DS1864
Description  SFP Laser Controller and Diagnostic IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1864 Datasheet(HTML) 45 Page - Dallas Semiconductor

Back Button DS1864 Datasheet HTML 41Page - Dallas Semiconductor DS1864 Datasheet HTML 42Page - Dallas Semiconductor DS1864 Datasheet HTML 43Page - Dallas Semiconductor DS1864 Datasheet HTML 44Page - Dallas Semiconductor DS1864 Datasheet HTML 45Page - Dallas Semiconductor DS1864 Datasheet HTML 46Page - Dallas Semiconductor DS1864 Datasheet HTML 47Page - Dallas Semiconductor DS1864 Datasheet HTML 48Page - Dallas Semiconductor DS1864 Datasheet HTML 49Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 72 page
background image
SFP Laser Controller and
Diagnostic IC
____________________________________________________________________
45
Table 01h (Table 00h in DS1859 Configuration), FBh: Warning Masks
FACTORY DEFAULT:
00h
MEMORY TYPE:
Shadowed Memory (SEE)
FBh
MON3hi
MON3lo
RESERVED
bit7
bit0
These bytes configure a maskable interrupt, determining which warning flags assert the MINT bit (Lower Memory, byte 71h, bit 0). If
one of the interrupts is desired, its bit must be written to a 1 here. If no interrupt is desired, the bit should be written to a 0.
These bit locations do not match the register locations as called out in the SFF-8472, therefore another four byte set is also stored in
another location (Table 05h, registers F8h to FBh). The MASK configuration bit (Table 04h (Table 01h in DS1859 configuration),
register DAh, bit 0) determines which mask sets is used to generate the MINT interrupt.
bit7
MON3wrnhimask: Determines if an interrupt is generated for a High MON3 Warning Flag.
0 = No interrupt is generated.
1 = An interrupt is generated.
bit6
MON3wrnlomask: Determines if an interrupt is generated for a Low MON3 Warning Flag.
0 = No interrupt is generated.
1 = An interrupt is generated.
bit5:0
Reserved.
Table 01h (Table 00h in DS1859 Configuration), FCh to FFh: General Memory
FACTORY DEFAULT:
00h
MEMORY TYPE:
Shadowed Memory (SEE)
FCh to FFh
EEPROM
bit7
bit0
This is memory reserved for general use.
Table 02h, 80h to C7h: Temperature Lookup Table For DAC0
FACTORY DEFAULT:
00h
MEMORY TYPE:
Nonvolatile (EEPROM)
80h to C7h
EEPROM
bit7
bit0
This is the lookup table (LUT) for the DAC0 settings.
Table 02h Register Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com