Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESF-3 Datasheet(PDF) 1 Page - Festo Corporation.

Part # ESF-3
Description  Vacuum filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

ESF-3 Datasheet(HTML) 1 Page - Festo Corporation.

  ESF-3 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Vacuum filter
ESF-3
Part number: 191202
General operating condition
Data sheet
Feature
Value
Mounting position
Any
Grade of filtration
10 µm
Symbol
00991483
Operating pressure
-0.95 bar ... 4 bar
Flow rate at negative pressure = -0.75 bar
100 l/min
Operating medium
Atmospheric air based on ISO 8573-1:2010 [7:-:-]
Corrosion resistance class (CRC)
1 - Low corrosion stress
LABS (PWIS) conformity
VDMA24364-A1-L
Ambient temperature
0 °C ... 60 °C
Product weight
9 g
Type of mounting
With external thread
Via vacuum connection
Pneumatic connection
M4
Vacuum connection
M4
Note on materials
RoHS-compliant
Seals material
NBR
Compressed air filter material
PVF
Housing material
Aluminum
Brass, nickel-plated
9/24/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - ESF-3

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
ESF-18 KGS-ESF-18 Datasheet
1Mb / 1P
Thin Ferrite Sheet provides optimal EMC solution for FPC and FFC.
logo
Festo Corporation.
ESF-4A FESTO-ESF-4A Datasheet
81Kb / 1P
Vacuum filter
ESF-4B FESTO-ESF-4B Datasheet
81Kb / 1P
Vacuum filter
More results

Similar Description - ESF-3

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
VT-191 GEC-VT-191 Datasheet
110Kb / 2P
VACUUM TUBE
logo
Festo Corporation.
VN-10-H-T3-PI4-VI4-RI4 FESTO-VN-10-H-T3-PI4-VI4-RI4 Datasheet
81Kb / 1P
Vacuum generator
VN-10-L-T4-PQ2-VA5-RQ3 FESTO-VN-10-L-T4-PQ2-VA5-RQ3 Datasheet
85Kb / 1P
Vacuum generator
VN-10-L-T4-PQ2-VQ2-O2-P FESTO-VN-10-L-T4-PQ2-VQ2-O2-P Datasheet
94Kb / 2P
Vacuum generator
VN-10-L-T4-PQ2-VQ3-RQ3 FESTO-VN-10-L-T4-PQ2-VQ3-RQ3 Datasheet
88Kb / 1P
Vacuum generator
VN-14-H-T4-PI4-VI5-RI5 FESTO-VN-14-H-T4-PI4-VI5-RI5 Datasheet
80Kb / 1P
Vacuum generator
VN-14-H-T4-PQ2-VQ3-RQ3 FESTO-VN-14-H-T4-PQ2-VQ3-RQ3 Datasheet
89Kb / 1P
Vacuum generator
VN-14-L-T4-PQ2-VQ3-RQ3 FESTO-VN-14-L-T4-PQ2-VQ3-RQ3 Datasheet
86Kb / 1P
Vacuum generator
VADMI-140 FESTO-VADMI-140 Datasheet
95Kb / 2P
Vacuum generator
VADMI-140-N FESTO-VADMI-140-N Datasheet
97Kb / 2P
Vacuum generator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com