Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL1147 Datasheet(PDF) 2 Page - GTM CORPORATION

Part # GL1147
Description  a low dropout at positive fixed-mode regulator with minimum of 1A output current capability.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GL1147 Datasheet(HTML) 2 Page - GTM CORPORATION

  GL1147 Datasheet HTML 1Page - GTM CORPORATION GL1147 Datasheet HTML 2Page - GTM CORPORATION GL1147 Datasheet HTML 3Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
ISSUED DATE :2004/12/06
REVISED DATE :
Pin Descriptions
Name
I/O
PIN#
FUNCTION
Vin
I
1
The input pin of regulator .Typically a large storage capacitor is connected from
this pin to ground to insure that the input voltage does not sag below the minimum
dropout voltage during the load transient response .This pin must always be 1.3V
higher than Vout in order for the device to regulate properly.
Gnd
I
2
A resistor divider from this pin to the Vout pin and ground sets the output voltage
(Ground only for fixed mode)
Vout
O
3
The output of the regulator, A minimum of 10uF capacitor must be connected from
this pin to ground to insure stability.
Absolute Maximum Ratings
Symbol
Parameter
Ratings
Unit
Vin
DC Supply Voltage
6.4 to 12
V
PD
Power Dissipation
Internally Limited
TST
Storage Temperature
-65 ~ + 150
:
TOP
Operating Junction Temperature Range
0 ~ + 150
:
Electrical Characteristics
PARAMETER
CONDITIONS
MIN
TYP
MAX UNIT
Output Voltage
Vout
Io=10mA,Tj=25 ,6.5V Vin 12V
:
4.900 5.000 5.100
V
Line Regulation
REGLINE
Io=10mA,6.5V<Vin<12V,Tj=25 :
-
-
0.2
%
Load Regulation
REGLOAD
Vin=8V,0mA<Io<1A,TJ=25 (Note 1,2)
:
-
40
50
mV
Dropout Voltage
(VIN-VOUT)
VDROPOUT
Io=1A,( Vout=0.1% Vout)
-
1.3
1.4
V
Current Limit
Io
Vin-Vout=5V
1.1
-
-
A
Minimum Load Current
IQ
0
Tj 125
:
:
-
5
10
mA
Thermal Regulation
TA=25 ,30ms pulse
:
-
0.008
0.04 %/W
F=120HZ,COUT=25uF Tantalum, IOUT=1A
Ripple Rejection
VIN=VOUT+3V
-
60
70
dB
Temperature Stability
IO=10mA
-
0.5
-
%
JA Thermal Resistance
Junction–to-Ambient(No
heat sink ;No air flow)
-
117
-
/w
:
JC Thermal Resistance
Junction-to-Case
Control Circuitry/Power Transistor
-
15
-
/w
:
Note 1: See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation
are measured at a constant junction Temperature by low duty cycle pulse testing .Load regulation is measured at the
output lead =1/18” from the package.
Note 2: Line and load regulation are guaranteed up to the maximum power dissipation of 15W.Power dissipation is
determined by the difference between input and output and the output current .Guaranteed maximum power
dissipation will not be available over the full input/output range.
Note 3: Quiescent current is defined as the minimum output current required in maintaining regulation .At 12V input/output
differential the device is guaranteed to regulate if the output current is greater than 10mA.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com