Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4505-1ARJZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADA4505-1ARJZ-R7
Description  10 μA, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4505-1ARJZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA4505-1ARJZ-R7 Datasheet HTML 11Page - Analog Devices ADA4505-1ARJZ-R7 Datasheet HTML 12Page - Analog Devices ADA4505-1ARJZ-R7 Datasheet HTML 13Page - Analog Devices ADA4505-1ARJZ-R7 Datasheet HTML 14Page - Analog Devices ADA4505-1ARJZ-R7 Datasheet HTML 15Page - Analog Devices ADA4505-1ARJZ-R7 Datasheet HTML 16Page - Analog Devices ADA4505-1ARJZ-R7 Datasheet HTML 17Page - Analog Devices ADA4505-1ARJZ-R7 Datasheet HTML 18Page - Analog Devices ADA4505-1ARJZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
ADA4505-1/ADA4505-2/ADA4505-4
Rev. E | Page 15 of 24
Figure 55 displays a typical front-end section of an operational
amplifier with an on-chip charge pump.
Q2
Q1
VPP
VBIAS
+IN
–IN
OUT
CASCODE
STAGE
AND
RAIL-TO-RAIL
OUTPUT
STAGE
VDD
VSS
VPP = POSITIVE PUMPED VOLTAGE = VDD + 1.8V
Figure 55. Typical Front-End Section of an Op Amp
with Embedded Charge Pump
Figure 56 shows the typical response of two devices from Figure 12,
which shows the input offset voltage vs. input common-mode
voltage for 10 devices. Figure 56 is expanded to make it easier to
compare with Figure 54, which shows the typical input offset
voltage vs. common-mode voltage response in a dual differential
pair input stage op amp.
VCM (V)
0
–300
–100
100
300
1.5
3.5
5.0
1.0
0.5
2.5
4.5
4.0
3.0
2.0
–200
–150
–250
–50
0
50
150
200
250
VSY = 5V
TA = 25°C
Figure 56. Input Offset Voltage vs. Input Common-Mode Voltage Response
(Powered by a 5 V Supply; Results of Two Units Are Displayed)
This solution improves the CMRR performance tremendously.
For example, if the input varies from rail to rail on a 2.5 V
supply rail, using a part with a CMRR of 70 dB minimum,
an input-referred error of 790 μV is introduced. Another part
with a CMRR of 52 dB minimum generates a 6.3 mV error.
The ADA4505-x family CMRR of 90 dB minimum causes only
a 79 μV error. As with the PSRR error, there are complex ways
to minimize this error, but the ADA4505-x family solves this
problem without incurring unnecessary circuitry complexity or
increased cost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com