Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4938-2ACPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADA4938-2ACPZ-R7
Description  Ultralow Distortion Differential ADC Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4938-2ACPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADA4938-2ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Data Sheet
ADA4938-1/ADA4938-2
Rev. B | Page 21 of 26
TERMINATING A SINGLE-ENDED INPUT
Using an example with an input source of 2 V, a source
resistance of 50 Ω, and an overall gain of 1 V/V, four simple
steps must be followed to terminate a single-ended input to the
ADA4938-1/ADA4938-2.
1. The input impedance is calculated using the formula

Ω
267
200)
(200
2
200
1
200
2
1
F
G
F
G
IN
R
R
R
R
R
ADA4938
RL
VO
+VS
–VS
RS
50Ω
RG
200Ω
RG
200Ω
RF
200Ω
RF
200Ω
VOCM
VS
2V
RIN
267Ω
Figure 61. Single-Ended Input Impedance
2. To provide a 50 Ω termination for the source, the Resistor RT
is calculated such that RT || RIN = 50 Ω, or RT = 61.9 Ω.
ADA4938
RL
VO
+VS
–VS
RS
50Ω
RG
200Ω
RG
200Ω
RF
200Ω
RF
200Ω
VOCM
VS
2V
50Ω
RT
61.9Ω
Figure 62. Adding Termination Resistor RT
3. To compensate for the imbalance of the gain resistors, a correc-
tion resistor (RTS) is added in series with the inverting Input
Gain Resistor RG. RTS is equal to the Thevenin equivalent of
the source resistance (RS||RT).
RS
50Ω
VS
2V
RT
61.9Ω
RTH
27.4Ω
VTH
1.1V
Figure 63. Calculating Thevenin Equivalent
RTS = RTH = RS || RT = 27.4 Ω. Note that VTH is not equal to
VS/2, which would be the case if the amplifier circuit did
not affect the termination.
ADA4938
RL
VO
0.97V
+VS
–VS
RTH
27.4Ω
RG
200Ω
RG
200Ω
RF
200Ω
RF
200Ω
VOCM
VTH
1.1V
RTS
27.4Ω
Figure 64. Balancing Gain Resistor RG
4. Finally, the feedback resistor is recalculated to adjust the
output voltage to the desired level.
a.
To make the output voltage VO = 1 V, RF is calculated
using
Ω
207
1.1
27.4)
(200
1
)
(


TH
TS
G
O
F
V
R
R
V
R
b.
To return the overall gain to 1 V/V (VO = VS = 2 V), RF
should be
Ω
414
1.1
27.4)
(200
2
)
(


TH
TS
G
O
F
V
R
R
V
R
ADA4938
RL
VO
+VS
–VS
RS
50Ω
RG
200Ω
RG
200Ω
RF
RF
VOCM
VS
2V
RT
61.9Ω
RTS
27.4Ω
Figure 65. Complete Single-Ended-to-Differential System
SETTING THE OUTPUT COMMON-MODE VOLTAGE
The VOCM pin of the ADA4938-1/ADA4938-2 is internally
biased at a voltage approximately equal to the midsupply point
(average value of the voltages on V+ and V−). Relying on this
internal bias results in an output common-mode voltage that is
within about 100 mV of the expected value.
In cases where more accurate control of the output common-
mode level is required, it is recommended that an external
source or resistor divider (10 kΩ or greater resistors) be used.
It is also possible to connect the VOCM input to a common-mode
level (CML) output of an ADC. However, care must be taken to
ensure that the output has sufficient drive capability. The input
impedance of the VOCM pin is approximately 10 kΩ. If multiple
ADA4938-1/ADA4938-2 devices share one reference output, it is
recommended that a buffer be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com