Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADBMS2950B Datasheet(PDF) 39 Page - Analog Devices

Part # ADBMS2950B
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950B Datasheet(HTML) 39 Page - Analog Devices

Back Button ADBMS2950B Datasheet HTML 35Page - Analog Devices ADBMS2950B Datasheet HTML 36Page - Analog Devices ADBMS2950B Datasheet HTML 37Page - Analog Devices ADBMS2950B Datasheet HTML 38Page - Analog Devices ADBMS2950B Datasheet HTML 39Page - Analog Devices ADBMS2950B Datasheet HTML 40Page - Analog Devices ADBMS2950B Datasheet HTML 41Page - Analog Devices ADBMS2950B Datasheet HTML 42Page - Analog Devices ADBMS2950B Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 97 page
background image
Data Sheet
ADBMS2950B
Rev. 0 | Page 39 of 97
Command
BYTE 5
BYTE 4
BYTE 3
BYTE 2
BYTE 1
BYTE 0
RDV2A
V3B[15:8]
V3B[7:0]
V2B[15:8]
V2B[7:0]
V1B[15:8]
V1B[7:0]
RDV2B
V6B[15:8]
V6B[7:0]
V5B[15:8]
V5B[7:0]
V4B[15:8]
V4B[7:0]
RDV2C
VREF2B[15:8]
VREF2B[7:0]
V10B[15:8]
V10B[7:0]
V9B[15:8]
V9B[7:0]
RDV2D
VREF2B[15:8]
VREF2B[7:0]
VREF2A[15:8]
VREF2A[7:0]
V10B[15:8]
V10B[7:0]
RDV2E
0xFF
V10B[15:8]
V10B[7:0]
RDXA
VREG[15:8]
VREG[7:0]
TMP1[15:8]
TMP1[7:0]
VREF1P25[15:8]
VREF1P25[7:0]
RDXB
EPAD[15:8]
EPAD[7:0]
VDIG[15:8]
VDIG[7:0]
VDD[15:8]
VDD[7:0]
RDXC
OSCCNT
0xFF
TMP2[15:8]
TMP2[7:0]
VDIV[15:8]
VDIV[7:0]
Table 53. Clock Frequency Monitor Result Description
Name
Type
Reset
Value
Description
OSCCNT
RO
0x00
Most recently counted OSC1 oscillator clocks within one OSC2 half period. In case of an OSCFLT event, the first invalid count is
latched until OSCFLT gets cleared.
0x34 to
0x47
Expected valid range, no fault.
Others
First latched counter value in the invalid range leading to OSCFLT flag assertion.
Table 54. RDALLV Return Values
BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0
V1A[7:0]
1
V1A[15:8]
2
V2A[7:0]
3
V2A[15:8]
4
V3A[7:0]
5
V3A[15:8]
6
V4A[7:0]
7
V4A[15:8]
8
V5A[7:0]
9
V5A[15:8]
10
V6A[7:0]
11
V6A[15:8]
12
V7A[7:0]
13
V7A[15:8]
14
V8A[7:0]
15
V8A[15:8]
16
V9B[7:0]
17
V9B[15:8]
18
V10B[7:0]
19
V10B[15:8]
Table 55. RDALLR Return Values
BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0
V1B[7:0]
1
V1B[15:8]
2
V2B[7:0]
3
V2B[15:8]
4
V3B[7:0]
5
V3B[15:8]
6
V4B[7:0]
7
V4B[15:8]
8
V5B[7:0]
9
V5B[15:8]
10
V6B[7:0]
11
V6B[15:8]
12
V7A[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com