Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADBMS2950BCCSZ-RL Datasheet(PDF) 62 Page - Analog Devices

Part # ADBMS2950BCCSZ-RL
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ-RL Datasheet(HTML) 62 Page - Analog Devices

Back Button ADBMS2950BCCSZ-RL Datasheet HTML 58Page - Analog Devices ADBMS2950BCCSZ-RL Datasheet HTML 59Page - Analog Devices ADBMS2950BCCSZ-RL Datasheet HTML 60Page - Analog Devices ADBMS2950BCCSZ-RL Datasheet HTML 61Page - Analog Devices ADBMS2950BCCSZ-RL Datasheet HTML 62Page - Analog Devices ADBMS2950BCCSZ-RL Datasheet HTML 63Page - Analog Devices ADBMS2950BCCSZ-RL Datasheet HTML 64Page - Analog Devices ADBMS2950BCCSZ-RL Datasheet HTML 65Page - Analog Devices ADBMS2950BCCSZ-RL Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 97 page
background image
ADBMS2950B
Data Sheet
Rev. 0 | Page 62 of 97
BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
3
D1[7:0]
4
ICOM2[3:0]
FCOM2[3:0]
5
D2[7:0]
Table 84. COMM Bit Descriptions
Name
Type
Reset
Value
Write Operation
Read Operation
D0, 1, 2
RW
0x00
Transmit Data Byte 0, 1, 2.
Receive Data Byte 0, 1, 2.
ICOM0, 1, 2
RW
0000
Control action prior transaction of byte D0, D1, D2.
Result of control action.
0000
I2C: BLANK.
I2C: SDA is held low between bytes.
0001
I2C: STOP.
I2C: Controller generated a STOP.
0110
I2C: START.
I2C: Controller generated a START.
0111
I2C: No transmit.
I2C: SDA is held high between bytes.
1000
SPI: Drive CSBM low.
SPI: Always 0111.
1001
SPI: Drive CSBM high, clock and data continues.
1010
SPI: Drive CSBM high, then low.
1111
SPI: No transmit, release outputs, remaining data ignored.
Other
Reserved, undetermined behavior.
FCOM0, 1, 2
RW
0000
Control action after transaction byte D0, D1, D2.
Result of control action.
0000
I2C: Controller ACK on 9th clock.
SPI: Holds CSBM low after byte transmission.
I2C: Controller generated an ACK.
0001
I2C: Peripheral generated an ACK, Controller a STOP.
0111
I2C: Peripheral generated an ACK.
1000
I2C: Controller NACK on 9th clock.
SPI: Holds CSBM low after byte transmission.
1001
I2C: Controller NACK followed by STOP.
SPI: Transitions CSBM high after byte transmission.
I2C: Peripheral generated a NACK, Controller a STOP.
1111
SPI: Read.
I2C: Peripheral generated a NACK.
SPI: Always 1111.
Other
Reserved, undetermined behavior.
The COMM register can be written by the WRCOMM
command and can be read by the RDCOMM command. The
STCOMM command initiates the transfer. The transfer is
clocked by the SCK clock that the ADBMS2950B receives from
its (iso)SPI host. When sending an STCOMM command, the
remote SPI host must extend the same SPI frame by 24 SCK
clock cycles (3 bytes) per data byte without releasing CSB high.
Thus, the host must send STCOMM (4 bytes) followed by 3
bytes to send 1 byte to the serial peripheral. Similar STCOMM
is followed by 6 bytes to transmit 2 bytes and 9 bytes to transmit
3 bytes. The number of bytes after STCOMM is independent of
the length of a daisy-chain, and the data is do not care.
When more than three bytes are to be transferred, multiple
WRCOMM, RDCOMM, and STCOMM commands can be
bundled to transfer groups of up to 3 bytes at a time. An I2C
message is initiated by a START condition and terminated by a
STOP. All intermediate bytes keep the ICOM field in BLANK
state. ACK or NACK can be issued as appropriate. In SPI mode,
a falling edge on CSBM needs to be ensured at the start of a
contiguous message, and the CSBM is held low for the duration
of the message and released high after the last byte.
Assuming that CSB is kept active (Logical Low), and that SCK is
pulsed high (toggle LH and HL) 24 times for each Dn[7:0] (that
is, 72 cycles per WRCOMM and RDCOMM previously set
packet, before CSB can be set to inactive, Logical 1), and
assuming that the timing specification onto the clock phases of
SCK are respected, the timing specifications for the SPI and I2C
controller interfaces are as shown in Figure 44 and Figure 45.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com