Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4665-2ARMZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4665-2ARMZ-R7
Description  16 V, 1 MHz, CMOS Rail-to-Rail Input/Output Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4665-2ARMZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4665-2ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADA4665-2ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADA4665-2ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADA4665-2ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4665-2ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADA4665-2ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADA4665-2ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADA4665-2ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADA4665-2ARMZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADA4665-2
Rev. 0 | Page 9 of
20
80
60
40
20
0
–20
–40
180
135
90
45
0
–45
–90
1k
10k
100k
1M
10M
FREQUENCY (Hz)
TA = 25°C, unless otherwise noted.
80
60
40
20
0
–20
–40
180
135
90
45
0
–45
–90
1k
10k
100k
1M
10M
FREQUENCY (Hz)
GAIN
PHASE
VSY = 5V
RL = 10kΩ
CL = 50pF
VSY = 16V
RL = 10kΩ
CL = 50pF
PHASE
GAIN
Figure 21. Open-Loop Gain and Phase vs. Frequency
50
40
30
20
10
0
–10
–20
–30
–40
Figure 24. Open-Loop Gain and Phase vs. Frequency
50
40
30
20
10
0
–10
–20
–30
–40
–50
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
–50
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VSY = 5V
RL = 10kΩ
AV = 100
AV = 10
AV = 1
Figure 22. Closed-Loop Gain vs. Frequency
1k
100
10
1
0.1
VSY = 16V
RL = 10kΩ
AV = 100
AV = 10
AV = 1
Figure 25. Closed-Loop Gain vs. Frequency
1k
100
10
1
0.1
0.01
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
0.01
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VSY = 5V
AV = 100
AV = 10
AV = 1
Figure 23. Output Impedance vs. Frequency
VSY = 16V
AV = 100
AV = 10
AV = 1
Figure 26. Output Impedance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com