Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5567ACPZN-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL5567ACPZN-R7
Description  4.3 GHz, Ultrahigh Dynamic Range, Dual Differential Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5567ACPZN-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL5567ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
Data Sheet
ADL5567
Rev. A | Page 17 of 23
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
0
200
400
600
800
1000 1200 1400 1600 1800 2000
FREQUENCY (MHz)
3.3V LP, SE
3.3V LP, DIFF
5V HP, SE
5V HP, DIFF
Figure 44. HD2 for Single-Ended (SE) and Differential (DIFF) Configurations
vs. Frequency, VOUT = 2 V p-p, RL = 200 Ω
INPUT AND OUTPUT EQUIVALENT CIRCUITS
The differential input and outptut impedance can be modeled
by simple RLC equivalent circuits as shown in Figure 45. Figure 34
shows the comparison of the measured and modeled impedances
for the input network. Likewise, Figure 35 shows the same
comparison for the output network.
VIP
VIN
R3
100Ω
R5
50Ω
L1
12nF
L3
0.4nF
L2
0.4nF
C1
0.3pF
VOP
VON
R1
10Ω
R2
22Ω
L4
1.4nF
L6
1.5nF
L5
1.4nF
C2
0.8pF
Figure 45. Model of Differential Input and Output Circuit
GAIN ADJUSTMENT AND INTERFACING
The effective gain of the ADL5567 can be reduced by adding two
resistors in series with the inputs to reduce the gain.
AC
½
ADL5567
½
RS
½
RS
0.1µF
0.1µF
50Ω
50Ω
500Ω
500Ω
RL
0.1µF
0.1µF
RSERIES
RSHUNT
RSERIES
+
Figure 46. Gain Adjustment Using a Series Resistor
To find RSERIES for a given AV gain and RL, use the following
equation:
500
50
10
SERIES
V
RL
R
A
RL

=
×−


+

(6)
The necessary shunt component, RSHUNT, to match to the source
impedance, RS, can be expressed as
100
2
1
1
1
+
=
SERIES
SHUNT
R
RS
R
(7)
The shunt resistor values for multiple target voltage gains are listed
in Table 5. The source resistance and input impedance need
careful attention when using Equation 5. The input impedance
of the ADL5567 and the reactance of the ac coupling capacitors
must be considered before assuming that they make a negligible
contribution.
To calculate the gain (AV) for a given RSERIES and RL, use the
following equation:
+
×
+
=
RL
RL
R
A
SERIES
V
10
50
500
(8)
Note that Equation 8 only gives the absolute gain and does not
take into account that the circuit introduces a 180° phase shift.
To account for this phase shift, multiply the product of
Equation 8 by −1.
Table 5. Differential Gain Adjustment Using Series Resistor
Target Voltage Gain (dB)
RS (Ω)
RSERIES (Ω)
RSHUNT (Ω)
0
50
426.1
52.7
1
50
374.4
53.1
2
50
328.2
53.5
3
50
287.1
54
4
50
250.4
54.5
5
50
217.7
55.1
6
50
188.6
55.8
7
50
162.7
56.6
8
50
139.5
57.5
9
50
118.9
58.6
10
50
100.5
59.9
11
50
84.2
61.4
12
50
69.6
63.2
13
50
56.6
65.3
14
50
45
67.8
15
50
34.6
70.9
16
50
25.4
74.7
17
50
17.2
79.5
18
50
9.9
85.7
19
50
3.4
93.7
EFFECT OF LOAD CAPACITANCE
Load capacitance, including stray capacitance from PCB traces,
affect the bandwidth and flatness of the ADL5567 frequency
response, resulting in excessive peaking. Adding external series
resistors to each output isolates the load capacitance from the
outputs, and reduces the peaking effectively. Respective frequency
responses resulting from the addition of 1.5 pF and 3 pF differential
load capacitance (CLD) as well as series resistance (RSE) of 15 Ω
are shown in Figure 47.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com